Electronic Components Datasheet Search
  English  ▼

X  

MS6283 Datasheet(PDF) 12 Page - MOSA ELECTRONICS

Part # MS6283
Description  3 Stereo Inputs (1 differential Input) With Gain 0~15dB Volume Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6283 Datasheet(HTML) 12 Page - MOSA ELECTRONICS

Back Button MS6283 Datasheet HTML 8Page - MOSA ELECTRONICS MS6283 Datasheet HTML 9Page - MOSA ELECTRONICS MS6283 Datasheet HTML 10Page - MOSA ELECTRONICS MS6283 Datasheet HTML 11Page - MOSA ELECTRONICS MS6283 Datasheet HTML 12Page - MOSA ELECTRONICS MS6283 Datasheet HTML 13Page - MOSA ELECTRONICS MS6283 Datasheet HTML 14Page - MOSA ELECTRONICS MS6283 Datasheet HTML 15Page - MOSA ELECTRONICS MS6283 Datasheet HTML 16Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MOSA
MS6283
Volume Controller with soft step IC
V1.1
12/18
www.mosanalog.com
Example
Soft-step Time 10.24ms , Soft-step ON , Single-ended Mode.
Set the 1/2VDD , All device active.
Set Input gain of both channels at +4dB , select Input as IN1.
Set Volume of both-channels at -15dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com