Electronic Components Datasheet Search
  English  ▼

X  

NJM78L08S Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM78L08S
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM78L08S Datasheet(HTML) 3 Page - New Japan Radio

  NJM78L08S Datasheet HTML 1Page - New Japan Radio NJM78L08S Datasheet HTML 2Page - New Japan Radio NJM78L08S Datasheet HTML 3Page - New Japan Radio NJM78L08S Datasheet HTML 4Page - New Japan Radio NJM78L08S Datasheet HTML 5Page - New Japan Radio NJM78L08S Datasheet HTML 6Page - New Japan Radio NJM78L08S Datasheet HTML 7Page - New Japan Radio NJM78L08S Datasheet HTML 8Page - New Japan Radio NJM78L08S Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NJM78L00S
- 3 -
Ver.2015-08-31
■ ELECTRICAL CHARACTERISTICS
(CIN=0.33µF, CO=0.1µF, Tj=25°C)Measurement is to be conducted is pulse testing.
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
NJM78L05SU3
Output Voltage
VO
VIN=10V, IO=40mA
4.8
5.0
5.2
V
Line Regulation 1
ΔV
O-VIN1
VIN=7V to 20V, IO=40mA
-
-
200
mV
Line Regulation 2
ΔV
O-VIN2
VIN=8V to 20V, IO=40mA
-
-
150
mV
Load Regulation 1
ΔV
O-IO1
VIN=10V, IO=1 to 40mA
-
-
30
mV
Load Regulation 2
ΔV
O-IO2
VIN=10V, IO=1 to 100mA
-
-
60
mV
Quiescent Current
IQ
VIN=10V, IO=0mA
-
2.0
6
mA
Average Temperature
Coefficient of Output Voltage
ΔV
O/ΔT
VIN=10V, IO=1mA
-
0.4
-
mV/ºC
Ripple Rejection
RR
8V<VIN<18V, IO=40mA,
ein=1VP-P, f=120Hz
40
69
-
dB
Output Noise Voltage
VNO
VIN=10V, BW=10Hz to 100kHz, IO=40mA
-
70
-
µVrms
Dropout Voltage
ΔV
IO
IO=100mA
-
1.7
-
V
NJM78L06SU3
Output Voltage
VO
VIN=12V, IO=40mA
5.76
6.0
6.24
V
Line Regulation 1
ΔV
O-VIN1
VIN=8.5V to 20V, IO=40mA
-
-
200
mV
Line Regulation 2
ΔV
O-VIN2
VIN=9V to 20V, IO=40mA
-
-
150
mV
Load Regulation 1
ΔV
O-IO1
VIN=12V, IO=1 to 40mA
-
-
40
mV
Load Regulation 2
ΔV
O-IO2
VIN=12V, IO=1 to 100mA
-
-
80
mV
Quiescent Current
IQ
VIN=12V, IO=0mA
-
2.0
6
mA
Average Temperature
Coefficient of Output Voltage
ΔV
O/ΔT
VIN=12V, IO=1mA
-
0.5
-
mV/ºC
Ripple Rejection
RR
9V<VIN<20V, IO=40mA,
ein=1VP-P, f=120Hz
40
67
-
dB
Output Noise Voltage
VNO
VIN=12V, BW=10Hz to 100kHz, IO=40mA
-
80
-
µVrms
Dropout Voltage
ΔV
IO
IO=100mA
-
1.7
-
V
NJM78L08SU3
Output Voltage
VO
VIN=14V, IO=40mA
7.68
8.0
8.32
V
Line Regulation 1
ΔV
O-VIN1
VIN=10.5V to 23V, IO=40mA
-
-
225
mV
Line Regulation 2
ΔV
O-VIN2
VIN=11V to 23V, IO=40mA
-
-
175
mV
Load Regulation 1
ΔV
O-IO1
VIN=14V, IO=1 to 40mA
-
-
50
mV
Load Regulation 2
ΔV
O-IO2
VIN=14V, IO=1 to 100mA
-
-
100
mV
Quiescent Current
IQ
VIN=14V, IO=0mA
-
2.1
6
mA
Average Temperature
Coefficient of Output Voltage
ΔV
O/ΔT
VIN=14V, IO=1mA
-
0.6
-
mV/ºC
Ripple Rejection
RR
11V<VIN<20V, IO=40mA,
ein=1VP-P, f=120Hz
39
66
-
dB
Output Noise Voltage
VNO
VIN=14V, BW=10Hz to 100kHz, IO=40mA
-
115
-
µVrms
Dropout Voltage
ΔV
IO
IO=100mA
-
1.7
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com