Electronic Components Datasheet Search
  English  ▼

X  

NJM78L08S Datasheet(PDF) 9 Page - New Japan Radio

Part # NJM78L08S
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM78L08S Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJM78L08S Datasheet HTML 5Page - New Japan Radio NJM78L08S Datasheet HTML 6Page - New Japan Radio NJM78L08S Datasheet HTML 7Page - New Japan Radio NJM78L08S Datasheet HTML 8Page - New Japan Radio NJM78L08S Datasheet HTML 9Page - New Japan Radio NJM78L08S Datasheet HTML 10Page - New Japan Radio NJM78L08S Datasheet HTML 11Page - New Japan Radio NJM78L08S Datasheet HTML 12Page - New Japan Radio NJM78L08S Datasheet HTML 13Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NJM78L00S
- 9 -
Ver.2015-08-31
■ TYPICAL CHARACTERISTICS (5V)
4
4.5
5
5.5
6
5
5.5
6
6.5
7
7.5
8
8.5
9
Input Voltage : V
IN [V]
NJM78L05SU3
Output Voltage vs. Input Voltage
I
O=0mA
I
O=40mA
I
O=100mA
C
IN=0.33µF
C
O=0.1µF
T
j=25ºC
0
1
2
3
4
5
6
7
-50
0
50
100
150
200
250
Temperature [ºC]
NJM78L05SU3
Output Voltage vs. Temperature
V
IN=10V
I
O=0mA
C
IN=0.33µF
C
O=0.1µF
0
1
2
3
4
5
6
0
50
100
150
200
250 300
350
400
Output Current : I
O [mA]
NJM78L05SU3
Output Voltage vs. Output Current
V
IN=30V
V
IN=10V
V
IN=15V
C
IN=0.33µF
C
O=0.1µF
T
j=25ºC
0
1
2
3
4
5
6
0
5
10
15
20
25
30
Input Voltage : V
IN [V]
NJM78L05SU3
Quiesent Current vs. Input Voltage
C
IN=0.33µF
C
O=0.1µF
T
j=25ºC
Output = Open
0
1
2
3
4
5
6
0
20
40
60
80
100
Output Current : I
O [mA]
NJM78L05SU3
Quiesent Current vs. Output Current
V
IN=10V
C
IN=0.33µF
C
O=0.1µF
T
j=25ºC
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
NJM78L05SU3
Quiesent Current vs. Temperature
V
IN=10V
C
IN=0.33µF
C
O=0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com