Electronic Components Datasheet Search
  English  ▼

X  

NJM78L08S Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM78L08S
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM78L08S Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJM78L08S Datasheet HTML 2Page - New Japan Radio NJM78L08S Datasheet HTML 3Page - New Japan Radio NJM78L08S Datasheet HTML 4Page - New Japan Radio NJM78L08S Datasheet HTML 5Page - New Japan Radio NJM78L08S Datasheet HTML 6Page - New Japan Radio NJM78L08S Datasheet HTML 7Page - New Japan Radio NJM78L08S Datasheet HTML 8Page - New Japan Radio NJM78L08S Datasheet HTML 9Page - New Japan Radio NJM78L08S Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NJM78L00S
- 6 -
Ver.2015-08-31
■ POWER DISSIPATION vs. AMBIENT TEMPERATURE
0
500
1000
1500
2000
2500
3000
-50
-25
0
25
50
75
100
125
150
Temperature : Ta [ºC]
NJM78L00SU3 (SOT-89-3)
Power Dissipation
(Topr=-40ºC to +125ºC, Tj=150ºC)
on 4 Layers Board (*2)
on 2 Layers Board (*1)
(*1) Mounted on glass epoxy board. (76.2
114.31.6mm:EIA/JDEC standard size, 2Layers, copper area 100mm2)
(*2) Mounted on glass epoxy board. (76.2
114.31.6mm:EIA/JDEC standard size, 4Layers)
(4Layers inner foil: 74.2
74.2mm applying a thermal via hole to a board based on JEDEC standard JESD51-5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com