Electronic Components Datasheet Search
  English  ▼

X  

NJM78L08S Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM78L08S
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM78L08S Datasheet(HTML) 1 Page - New Japan Radio

  NJM78L08S Datasheet HTML 1Page - New Japan Radio NJM78L08S Datasheet HTML 2Page - New Japan Radio NJM78L08S Datasheet HTML 3Page - New Japan Radio NJM78L08S Datasheet HTML 4Page - New Japan Radio NJM78L08S Datasheet HTML 5Page - New Japan Radio NJM78L08S Datasheet HTML 6Page - New Japan Radio NJM78L08S Datasheet HTML 7Page - New Japan Radio NJM78L08S Datasheet HTML 8Page - New Japan Radio NJM78L08S Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
NJM78L00S
- 1 -
Ver.2015-08-31
3-TERMINAL POSITIVE VOLTAGE REGULATOR
■ GENERAL DESCRIPTION
■ PACKAGE OUTLINE
The NJM78L00S is a 100mA output 3-Terminal Positive Voltage
regulator.
It has improvements in contrast with a conventional NJM78L00:
an output voltage accuracy, an operating temperature range and
MLCC correspondence. Moreover, the NJM78L00s has 3.3V output
voltage version.
■ FEATURE
・ Output Current
100 mA max.
・ High Precision Output Voltage V
O±4.0%
・ High Ripple Rejection
・ Correspond to Low ESR Capacitor (MLCC)
・ Over Current Protection Circuit
・ Thermal Shutdown Circuit
・ Output Voltage Lineup
3V, 3.3V, 5V, 6V, 8V, 10V, 12V, 15V
・ Bipolar Technology
・ Package
SOT-89-3
■ PIN CONFIGURATION
■ EQUIVALENT CIRCUIT
V
IN
V
OUT
GND
NJM78L00SU3
(SOT-89-3)
1. V
OUT
2. GND
3. V
IN
2. GND


Similar Part No. - NJM78L08S

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM78L08A NJRC-NJM78L08A Datasheet
195Kb / 8P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
NJM78L08A NJRC-NJM78L08A Datasheet
195Kb / 8P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
NJM78L08A NJRC-NJM78L08A Datasheet
195Kb / 8P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
NJM78L08A ETC2-NJM78L08A Datasheet
216Kb / 9P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
NJM78L08A ETC2-NJM78L08A Datasheet
216Kb / 9P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - NJM78L08S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S78L05 SECOS-S78L05 Datasheet
310Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
3-Terminal positive voltage regulator
ST78L06 SEMTECH_ELEC-ST78L06 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
ST78L09 SEMTECH_ELEC-ST78L09 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M09 SECOS-SJ78M09 Datasheet
85Kb / 2P
3-Terminal Positive Voltage Regulator
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
3-Terminal Positive Voltage Regulator
logo
Continental Device Indi...
LM7818 CDIL-LM7818 Datasheet
75Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com