Electronic Components Datasheet Search
  English  ▼

X  

M59PW1282 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M59PW1282
Description  128Mbit (two 64Mb, x16, Uniform Block, LightFlash™) 3V Supply, Multiple Memory Product
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59PW1282 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M59PW1282 Datasheet HTML 3Page - STMicroelectronics M59PW1282 Datasheet HTML 4Page - STMicroelectronics M59PW1282 Datasheet HTML 5Page - STMicroelectronics M59PW1282 Datasheet HTML 6Page - STMicroelectronics M59PW1282 Datasheet HTML 7Page - STMicroelectronics M59PW1282 Datasheet HTML 8Page - STMicroelectronics M59PW1282 Datasheet HTML 9Page - STMicroelectronics M59PW1282 Datasheet HTML 10Page - STMicroelectronics M59PW1282 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7/24
M59PW1282
SIGNAL DESCRIPTIONS
See Figure 2, Logic Diagram, and Table 1, Signal
Names, for a brief overview of the signals connect-
ed to this device.
Address Inputs (A0-A21). The Address Inputs
select the cells in the memory array to access dur-
ing Bus Read operations. During Bus Write opera-
tions they control the commands sent to the
Command Interface of the Program/Erase Con-
troller.
Address/Voltage Supply (A22/VPP). The
A22/VPP signal has two functions.
During read operations the A22/VPP signal works
as an address input, which is used to select the
Top (A22 = VIH) or Bottom (A22 = VIL) die.
During program or erase operations it also works
as a VPP voltage supply pin. At the beginning of
any program or erase operation, a specific proce-
dure (see Figure 4) must be performed to internal-
ly memorize the A22 value that will be used during
the program or erase operation.
When the VPP is in the VHH range (see Table 12,
DC Characteristic, for the relevant values) pro-
gram and erase operations are enabled. During
such operations VPP must be stable in the VHH
range. Program and erase operation are not al-
lowed when VPP is below the VHH range.
Data Inputs/Outputs (DQ0-DQ7). The Data In-
puts/Outputs output the data stored at the selected
address during a Bus Read operation. During Bus
Write operations they represent the command
sent to the Command Interface of the Program/
Erase Controller. When reading the Status Regis-
ter they report the status of the ongoing algorithm.
Data Inputs/Outputs (DQ8-DQ15). The Data In-
puts/Outputs output the data stored at the selected
address during a Bus Read operation. During Bus
Write operations the Command Interface does not
use these bits. When reading the Status Register
these bits should be ignored.
Chip Enable (E). The Chip Enable, E, activates
the memory, allowing Bus Read operations to be
performed. It also controls the Bus Write opera-
tions, when VPP is in the VHH range.
Output Enable (G). The Output Enable, G, con-
trols the Bus Read operations of the memory. It
also allows Bus Write operations, when VPP is in
the VHH range.
VCC Supply Voltage. The VCC Supply Voltage
supplies the power for Read operations.
A 0.1µF capacitor should be connected between
the VCC Supply Voltage pin and the VSS Ground
pin to decouple the current surges from the power
supply. The PCB track widths must be sufficient to
carry the currents required during program opera-
tions, ICC3.
Vss Ground. The VSS Ground is the reference
for all voltage measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com