Electronic Components Datasheet Search
  English  ▼

X  

M59PW1282 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M59PW1282
Description  128Mbit (two 64Mb, x16, Uniform Block, LightFlash™) 3V Supply, Multiple Memory Product
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59PW1282 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M59PW1282 Datasheet HTML 2Page - STMicroelectronics M59PW1282 Datasheet HTML 3Page - STMicroelectronics M59PW1282 Datasheet HTML 4Page - STMicroelectronics M59PW1282 Datasheet HTML 5Page - STMicroelectronics M59PW1282 Datasheet HTML 6Page - STMicroelectronics M59PW1282 Datasheet HTML 7Page - STMicroelectronics M59PW1282 Datasheet HTML 8Page - STMicroelectronics M59PW1282 Datasheet HTML 9Page - STMicroelectronics M59PW1282 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
M59PW1282
6/24
Table 2. Block Addresses
Block Number
Address Range
64
7E0000h-7FFFFFh
63
7C0000h-7DFFFFh
62
7A0000h-7BFFFFh
61
780000h-79FFFFh
60
760000h-77FFFFh
59
740000h-75FFFFh
58
720000h-73FFFFh
57
700000h-71FFFFh
56
6E0000h-6FFFFFh
55
6C0000h-6DFFFFh
54
6A0000h-6BFFFFh
53
680000h-69FFFFh
52
660000h-67FFFFh
51
640000h-65FFFFh
50
620000h-63FFFFh
49
600000h-61FFFFh
48
5E0000h-5FFFFFh
47
5C0000h-5DFFFFh
46
5A0000h-5BFFFFh
45
580000h-59FFFFh
44
560000h-57FFFFh
43
540000h-55FFFFh
42
520000h-53FFFFh
41
500000h-51FFFFh
40
4E0000h-4FFFFFh
39
4C0000h-4DFFFFh
38
4A0000h-4BFFFFh
37
480000h-49FFFFh
36
460000h-47FFFFh
35
440000h-45FFFFh
34
420000h-43FFFFh
33
400000h-41FFFFh
32
3E0000h-3FFFFFh
31
3C0000h-3DFFFFh
30
3A0000h-3BFFFFh
29
380000h-39FFFFh
28
360000h-37FFFFh
27
340000h-35FFFFh
26
320000h-33FFFFh
25
300000h-31FFFFh
24
2E0000h-2FFFFFh
23
2C0000h-2DFFFFh
22
2A0000h-2BFFFFh
21
280000h-29FFFFh
20
260000h-27FFFFh
19
240000h-25FFFFh
18
220000h-23FFFFh
17
200000h-21FFFFh
16
1E0000h-1FFFFFh
15
1C0000h-1DFFFFh
14
1A0000h-1BFFFFh
13
180000h-19FFFFh
12
160000h-17FFFFh
11
140000h-15FFFFh
10
120000h-13FFFFh
9
100000h-11FFFFh
8
0E0000h-0FFFFFh
7
0C0000h-0DFFFFh
6
0A0000h-0BFFFFh
5
080000h-09FFFFh
4
060000h-07FFFFh
3
040000h-05FFFFh
2
020000h-03FFFFh
1
000000h-01FFFFh
Block Number
Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com