Electronic Components Datasheet Search
  English  ▼

X  

PC33889 Datasheet(PDF) 10 Page - Motorola, Inc

Part # PC33889
Description  System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33889 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button PC33889 Datasheet HTML 6Page - Motorola, Inc PC33889 Datasheet HTML 7Page - Motorola, Inc PC33889 Datasheet HTML 8Page - Motorola, Inc PC33889 Datasheet HTML 9Page - Motorola, Inc PC33889 Datasheet HTML 10Page - Motorola, Inc PC33889 Datasheet HTML 11Page - Motorola, Inc PC33889 Datasheet HTML 12Page - Motorola, Inc PC33889 Datasheet HTML 13Page - Motorola, Inc PC33889 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
PC33889
10
PC33889
DEVICE DESCRIPTION
AC CHARACTERISTICS (V
sup From 5.5V to 18V and Tj from -40°C to 150°C unless otherwise noted)
NOTE 1: Dominant to recessive slew rate is dependant upon the bus load characteristics.
NOTE 2: AC Characteristics measured according to schematic figure 3.
CAN Module Thermal Shutdown
Tsd
165
°C
CANL and CANH Slew Rates (10% to 90%). Rising or Falling
Edges. Note 1.Recessive to Dominant state.
Tsldr
28
V/us
CANL and CANH Slew Rates (10% to 90%). Rising or Falling
Edges. Note 1.Dominant to Recessive. Note 1.
Tslrd
29
V/us
Propagation Delay TX to RX Low. Note 2.
TonRX
11.6
us
Propagation Delay TX to RX High. Note 2.
ToffRX
11.6
us
Min. Dominant Time For Wake-up On CANL or CANH
(Term Vbat; VSUP = 12V) Guaranteed by design.
Twake
816
30
us
Failure 3 Detection Time (Normal Mode)
Tdf3
10
30
80
us
Failure 6 Detection Time (Normal Mode)
Tdf6
50
200
500
us
Failure 3 Recovery Time (Normal Mode)
Tdr3
160
us
Failure 6 Recovery Time (Normal Mode)
Tdr6
150
200
1000
us
Failure 4, 7, 8 Detection Time (Normal Mode)
Tdf478
0.75
1.5
4
ms
Failure 4, 7, 8 Recovery Time (Normal Mode)
Tdr478
10
30
60
us
Failure 4, 7,8 Detection Time, (Term Vbat; VSUP = 12V)
Tdr47
0.8
1.2
8
ms
Failure 3 Detection Time (Term Vbat; VSUP = 12V)
Tdr3
3.84
ms
Failure 3a Detection Time (Term Vbat; VSUP = 12V)
Tdr3a
2.3
ms
Failure 4, 7,8 Recovery Time (Term Vbat; VSUP = 12V)
Tdr47
1.92
ms
Failure 3 Recovery Time (Term Vbat; VSUP = 12V)
Tdr3
1.2
ms
Failure 3a Recovery Time (Term Vbat; VSUP = 12V)
Tdr3a
1.92
ms
Edge Count Difference Between CANH and CANL for
Failures 1, 2, 5 Detection (Failure bit set, Normal Mode)
Ecdf
3
Edge Count Difference Between CANH And CANL For
Failures 1, 2, 5 Recovery (Normal Mode)
Ecdr
3
TX Permanent Dominant Timer Disable Time
(Normal Mode And Failure Mode)
tTX,d
0.75
4
ms
TX Permanent Dominant Timer Enable Time
(Normal Mode And Failure Mode)
tTX,e
10
60
us
Conditions
Symbol
Min
Typ
Max
Unit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com