Electronic Components Datasheet Search
  English  ▼

X  

PC33889 Datasheet(PDF) 3 Page - Motorola, Inc

Part # PC33889
Description  System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33889 Datasheet(HTML) 3 Page - Motorola, Inc

  PC33889 Datasheet HTML 1Page - Motorola, Inc PC33889 Datasheet HTML 2Page - Motorola, Inc PC33889 Datasheet HTML 3Page - Motorola, Inc PC33889 Datasheet HTML 4Page - Motorola, Inc PC33889 Datasheet HTML 5Page - Motorola, Inc PC33889 Datasheet HTML 6Page - Motorola, Inc PC33889 Datasheet HTML 7Page - Motorola, Inc PC33889 Datasheet HTML 8Page - Motorola, Inc PC33889 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
PC33889
3
PC33889
2
ELECTRICAL CHARACTERISTICS
(Vsup From 5.5V to 18V and Tj from -40°C to 125°C) unless otherwise noted. For all pins except can related pins
Description
Symbol
Characteristics
Unit
Conditions
Min
Typ
Max
Vsup pin (Device power supply)
Nominal DC Voltage range
Vsup
5.5
18
V
Extended DC Voltage range 1
Vsup-ex1
4.5
5.5
V
Reduced functionality
(note 1)
Extended DC Voltage range 2
Vsup-ex2
18
27
V
(note 3)
Input Voltage during Load Dump
VsupLD
40
V
Load dump situation
Input Voltage during jump start
VsupJS
27
V
Jump start situation
Supply Current in Sleep Mode (note 2,4)
Isup
(sleep1)
75
tbd
uA
Vdd1 & V2 off, Vsup<12V,
oscillator running (note 5)
excluding CAN current
Supply Current in Sleep Mode (note 2,4)
Isup
(sleep2)
60
tdb
uA
Vdd1 & V2 off, Vsup<12V
oscillator not running (note5)
excluding CAN current,
Supply current in sleep mode (note 2,4)
Isup
(sleep3)
150
tbd
uA
Vdd1 & V2 off, Vsup>12V
oscillator running (note 5)
excluding CAN current
Supply Current in Stand-by Mode
(note 2,4)
Isup(stdby)
15
mA
Iout at Vdd1 =10mA, CAN
recessive state or disabled
Supply Current in Normal Mode (note 2)
Isup(norm)
15
mA
Iout at Vdd1 =10mA, CAN
recessive state or disabled
Supply Current in Stop mode (note 2,4)
I out Vdd1 <2mA
Isup
(stop1)
120
tbd
uA
Vdd1 on (note 6), Vsup<12V
oscillator running (note 5)
excluding CAN current,
Supply Current in Stop mode (note 2,4)
Iout Vdd1 < 2mA
Isup
(stop2)
110
tbd
uA
Vdd1 on (note 6), Vsup<12V
oscillator not running (note 5)
excluding CAN current
Supply Current in Stop mode (note 2,4)
Iout Vdd1 < 2mA
Isup
(stop3)
180
tbd
uA
Vdd1 on (note6), Vsup>12
oscillator running (note 5)
excluding CAN current
Supply Fail Flag internal threshold
Vthresh
1.5
3
4
V
Supply Fail Flag hysteresis
Vdet hyst
1
V
guaranteed by design
Battery fall early warning threshold
BFew
5.9
6.1
6.3
V
In normal & standby mode
Battery fall early warning hysteresis
BFewh
0.1
0.2
0.3
V
In normal & standby mode,
guaranteed by design
note 1: Vdd1>4V, reset high, logic pin high level reduced, device is functional.
note 2: current measured at Vsup pin.
note 3: Device is fully functional. All modes available and operating, Watchdog, HS1 turn ON turn OFF, CAN cell operating, L0 and L1 inputs
operating, SPI read write operation. Over temperature may occur.
note 4: Excluding the CAN cell current. An additional 30uA typical must be added to specified value.
note 5: Oscillator running means “Forced Wake Up” or “Cyclic Sense” or “Software Watchdog” timer activated.
note 6: Vdd is ON with2mA typical output current capability.
Vdd1 (external 5V output for MCU supply). Idd1 is the total regulator output current. Vdd specification with external capacitor
C>=22uF and ESR<1O ohm.
Vdd1 Output Voltage
Vdd1out
4,9
5
5,1
V
Idd1 from 2 to 200mA
5.5V< Vsup <27V
Vdd1 Output Voltage
Vdd1out
4
V
Idd1 from 2 to 200mA
4.5V< Vsup <5.5V
Drop Voltage Vsup>Vddout
Vdd1drop
0.2
0,5
V
Idd1 = 200mA
Drop Voltage Vsup>Vddout, limited out-
put current
Vdd1dp2
0,1
0,25
V
Idd1 = 50mA
4.5V< Vsup <27V
Idd1 Output Current
Idd1
200
270
350
mA
Internally limited
Vdd1 Output Voltage in stop mode
Vddstop
4,75
5,00
5,25
V
Iout < 2mA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com