Electronic Components Datasheet Search
  English  ▼

X  

PC33889 Datasheet(PDF) 22 Page - Motorola, Inc

Part # PC33889
Description  System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33889 Datasheet(HTML) 22 Page - Motorola, Inc

Back Button PC33889 Datasheet HTML 18Page - Motorola, Inc PC33889 Datasheet HTML 19Page - Motorola, Inc PC33889 Datasheet HTML 20Page - Motorola, Inc PC33889 Datasheet HTML 21Page - Motorola, Inc PC33889 Datasheet HTML 22Page - Motorola, Inc PC33889 Datasheet HTML 23Page - Motorola, Inc PC33889 Datasheet HTML 24Page - Motorola, Inc PC33889 Datasheet HTML 25Page - Motorola, Inc PC33889 Datasheet HTML 26Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
PC33889
22
PC33889
7.2
Register description
7.2.1
MCR Register
Control bits
(1): Bit BATFAIL cannot be set by SPI. BATFAIL is set when Vsup falls below 3V.
(2): Watchdog ON or OFF depends upon RCR register bit D3.
(3): Before entering sleep mode, bit NOSTOP in RCR register must be previously set to 1.
Status bits
MCR
D3D2D1D0
$000b
W
MCTR2
MCTR1
MCTR0
R
BATFAIL
VDDTEMP
GFAIL
WDRST
Reset
0000
Reset condition
POR, RESET
POR, RESET
POR, RESET
Table 7-2.
MCTR2
MCTR1
MCTR0
SBC mode
Description
0
0
0
Enter/leave debug mode
To enter debug mode, SBC must be
in Normal or Standby mode and
BATFAIL(1) must be still at 1. To
leave debug mode, BATFAIL must
be at 0.
00
1
Normal
0
1
0
Standby
0
1
1
Stop, watchdog off (2)
0
1
1
Stop, watchdog on (2)
10
0
Sleep (3)
10
1
Normal
No watchdog running, debug mode
1
1
0
Standby
11
1
Stop
Status bit
Description
GFAIL
Logic OR of CAN failure, HS1 failure, V2LOW
BATFAIL
Battery fail flag (Vsup<3V)
VDDTEMP
Temperature pre-warning on VDD (latched)
WDRST
Watchdog reset occurred
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com