Electronic Components Datasheet Search
  English  ▼

X  

MAX5021 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5021
Description  Current-Mode PWM Controllers for Isolated Power Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5021 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5021 Datasheet HTML 1Page - Maxim Integrated Products MAX5021 Datasheet HTML 2Page - Maxim Integrated Products MAX5021 Datasheet HTML 3Page - Maxim Integrated Products MAX5021 Datasheet HTML 4Page - Maxim Integrated Products MAX5021 Datasheet HTML 5Page - Maxim Integrated Products MAX5021 Datasheet HTML 6Page - Maxim Integrated Products MAX5021 Datasheet HTML 7Page - Maxim Integrated Products MAX5021 Datasheet HTML 8Page - Maxim Integrated Products MAX5021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX5021/MAX5022 current-mode PWM controllers
contain all the control circuitry required for the design
of wide input voltage range isolated power supplies.
These devices are well suited for use in universal input
(85VAC to 265VAC) off-line or telecom (-36VDC to
-72VDC) power supplies.
An undervoltage lockout (UVLO) circuit with large hys-
teresis coupled with low startup and operating current
reduce power dissipation in the startup resistor and
allow use of ceramic bypass capacitors. The 262kHz
switching frequency is internally trimmed to ±12%
accuracy; this allows the optimization of the magnetic
and filter components resulting in compact, cost-effec-
tive power supplies. The MAX5021 with 50% maximum
duty cycle and MAX5022 with 75% maximum duty
cycle are recommended for forward converters and fly-
back converters, respectively. The MAX5021/MAX5022
are available in 6-pin SOT23, 8-pin µMAX, and 8-pin
DIP packages and are rated for operation over the
-40°C to +85°C temperature range.
Applications
Universal Off-Line Power Supplies
Standby Power Supplies
Isolated Power Supplies
Isolated Telecom Power Supplies
Mobile Phone Chargers
Features
o Available in a Tiny 6-Pin SOT23 Package
o 50µA Typical Startup Current
o 1.2mA Typical Operating Current
o Large UVLO Hysteresis of 14V
o Fixed Switching Frequency of 262kHz ±12%
o 50% Maximum Duty Cycle Limit (MAX5021)
o 75% Maximum Duty Cycle Limit (MAX5022)
o 60ns Cycle-by-Cycle Current-Limit Response
Time
Current-Mode PWM Controllers for Isolated
Power Supplies
________________________________________________________________ Maxim Integrated Products
1
GND
VCC
NDRV
16
OPTO
5
VIN
CS
MAX5021
MAX5022
SOT23
TOP VIEW
2
34
NDRV
N.C.
N.C.
1
2
8
7
CS
GND
VIN
VCC
OPTO
PDIP/
µMAX
3
4
6
5
MAX5021
MAX5022
Pin Configuration
Ordering Information
MAX5021
MAX5022
VOUT
VSUPPLY
OPTO
NDRV
CS
VCC
VIN
GND
Typical Operating Circuit
19-2066; Rev 1; 9/01
EVALUATION
KIT AVAILABLE
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
MAX
DUTY
CYCLE
TEMP.
RANGE
PIN-
PACKAGE
TOP
MARK
MAX5021EUT
50%
-40
°C to +85°C 6 SOT23-6 AASQ
MAX5021EUA
50%
-40
°C to +85°C 8 µMAX
—
MAX5021EPA
50%
-40
°C to +85°C 8 PDIP
—
MAX5022EUT
75%
-40
°C to +85°C 6 SOT23-6 AASR
MAX5022EUA
75%
-40
°C to +85°C 8 µMAX
—
MAX5022EPA
75%
-40
°C to +85°C 8 PDIP
—
WARNING: The MAX5021/MAX5022 are designed to work
with high voltages. Exercise caution!


Similar Part No. - MAX5021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5020 MAXIM-MAX5020 Datasheet
328Kb / 14P
Current-Mode PWM Controllers with Integrated Startup Circuit
Rev 0; 7/01
MAX5020CSA MAXIM-MAX5020CSA Datasheet
328Kb / 14P
Current-Mode PWM Controllers with Integrated Startup Circuit
Rev 0; 7/01
MAX5020ESA MAXIM-MAX5020ESA Datasheet
328Kb / 14P
Current-Mode PWM Controllers with Integrated Startup Circuit
Rev 0; 7/01
MAX5023 MAXIM-MAX5023 Datasheet
371Kb / 13P
65V, Low-Quiescent-Current, High-Voltage Linear Regulators with 關P Reset and Watchdog Timer
Rev 0; 10/02
MAX5023-MAX5024 MAXIM-MAX5023-MAX5024 Datasheet
371Kb / 13P
65V, Low-Quiescent-Current, High-Voltage Linear Regulators with 關P Reset and Watchdog Timer
Rev 0; 10/02
More results

Similar Description - MAX5021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
CURRENT-MODE PWM CONTROLLERS
logo
Maxim Integrated Produc...
MAX8540 MAXIM-MAX8540 Datasheet
328Kb / 16P
Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
19-2830; Rev 0; 4/03
MAX5014 MAXIM-MAX5014 Datasheet
319Kb / 14P
Current-Mode PWM Controllers with Integrated Startup Circuit for Isolated Power Supplies
Rev 0; 7/01
MAX5052 MAXIM-MAX5052 Datasheet
349Kb / 13P
Current-Mode PWM Controllers with an Error Amplifier for Isolated/Nonisolated Power Supplies
Rev 1; 11/03
logo
Texas Instruments
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
CURRENT-MODE PWM CONTROLLERS
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Texas Instruments
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
Current-Mode PWM Controllers
logo
Maxim Integrated Produc...
MAX5975A MAXIM-MAX5975A Datasheet
2Mb / 20P
Current-Mode PWM Controllers with Frequency Dithering for EMI-Sensitive Power Supplies
Rev 0; 9/10
MAX5974E MAXIM-MAX5974E_V01 Datasheet
1Mb / 22P
Current-Mode PWM Controllers for Low-Cost Flyback Supplies
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com