Electronic Components Datasheet Search
  English  ▼

X  

MAX5021 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5021
Description  Current-Mode PWM Controllers for Isolated Power Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5021 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5021 Datasheet HTML 1Page - Maxim Integrated Products MAX5021 Datasheet HTML 2Page - Maxim Integrated Products MAX5021 Datasheet HTML 3Page - Maxim Integrated Products MAX5021 Datasheet HTML 4Page - Maxim Integrated Products MAX5021 Datasheet HTML 5Page - Maxim Integrated Products MAX5021 Datasheet HTML 6Page - Maxim Integrated Products MAX5021 Datasheet HTML 7Page - Maxim Integrated Products MAX5021 Datasheet HTML 8Page - Maxim Integrated Products MAX5021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Current-Mode PWM Controllers for Isolated
Power Supplies
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = 15V, TA = +25°C, unless otherwise noted.)
1.40
1.45
1.50
1.55
1.60
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
20
40
-20
0
60
80
VIN = 28.0V
VOPTO = VCS = 0
9.00
9.03
9.09
9.06
9.12
9.15
-40
0
-20
20
40
60
80
MAXIMUM VCC
vs. TEMPERATURE
TEMPERATURE (
°C)
VIN = 28.0V
VCS = 0
OPTO = UNCONNECTED
7.70
7.90
7.80
8.10
8.00
8.20
8.30
-40
20
40
-20
0
60
80
MINIMUM VCC
vs. TEMPERATURE
TEMPERATURE (
°C)
VIN = 10.8V
5mA LOAD ON VCC
VCS = 0
OPTO = UNCONNECTED
570
590
580
610
600
630
620
640
-40
0
20
-20
40
60
80
CURRENT SENSE THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
+3
σ
-3
σ
MEAN
TOTAL NUMBER OF
DEVICES = 50
0
5
15
10
20
25
540
580
560
620
640
660
CURRENT SENSE
THRESHOLD
CURRENT SENSE THRESHOLD (mV)
TOTAL NUMBER
OF DEVICES = 200
600
245
255
250
265
260
275
270
280
-40
0
20
-20
40
60
80
OSCILLATOR FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
TOTAL NUMBER
OF DEVICES = 50
+3
σ
-3
σ
MEAN
0
5
15
10
20
25
230
250
240
260
270
280
290
OSCILLATOR FREQUENCY
OSCILLATOR FREQUENCY (kHz)
TOTAL NUMBER
OF DEVICES = 200
50
55
65
60
70
75
-40
0
-20
20
40
60
80
CURRENT SENSE DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
0
2
1
4
3
5
6
-40
20
40
-20
0
60
80
UNDERVOLTAGE LOCKOUT
DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
VIN RISING
VIN FALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com