Electronic Components Datasheet Search
  English  ▼

X  

MAX5021 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5021
Description  Current-Mode PWM Controllers for Isolated Power Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5021 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5021 Datasheet HTML 1Page - Maxim Integrated Products MAX5021 Datasheet HTML 2Page - Maxim Integrated Products MAX5021 Datasheet HTML 3Page - Maxim Integrated Products MAX5021 Datasheet HTML 4Page - Maxim Integrated Products MAX5021 Datasheet HTML 5Page - Maxim Integrated Products MAX5021 Datasheet HTML 6Page - Maxim Integrated Products MAX5021 Datasheet HTML 7Page - Maxim Integrated Products MAX5021 Datasheet HTML 8Page - Maxim Integrated Products MAX5021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Detailed Description
The MAX5021/MAX5022 are current-mode PWM con-
trollers that have been specifically designed for use in
isolated power supplies. An undervoltage lockout cir-
cuit (UVLO) with a large hysteresis (14V) along with
very low startup and operating current result in high-
efficiency, universal input power supplies. Both devices
can be used in power supplies capable of operating
from a universal 85VAC to 265VAC line or the telecom
voltage range of -36VDC to -72VDC.
Power supplies designed with these devices use a
high-value startup resistor, RS, (series combination of
R1 and R2) that charges a reservoir capacitor, C2 (see
Figure 1). During this initial period while the voltage is
less than the UVLO start threshold, the IC typically con-
sumes only 50µA of quiescent current. This low startup
current and the large UVLO hysteresis combined with
the use of a ceramic capacitor C2 keeps the power dis-
sipation in RS to less than 1/4W even at the high end of
the universal AC input voltage (265VAC).
The MAX5021/MAX5022 include a cycle-by-cycle cur-
rent limit which turns off the gate drive to the external
MOSFET during an overcurrent condition. If the output
on the secondary side of transformer T1 is shorted, the
tertiary winding voltage will drop below the 10V thresh-
old causing the UVLO circuit to turn off the gate drive to
the external power MOSFET, thus re-initiating the start-
up sequence.
Startup
Figure 2 shows the voltages on VIN and VCC during
startup. Initially, both VIN and VCC are 0V. After the line
voltage is applied, C2 charges through the startup
resistor, RS, to an intermediate voltage at which point
the internal reference and regulator begin charging C3
(see Figure 1). The bias current consumed by the
device during this period is only 50µA; the remaining
input current charges C2 and C3. Charging of C3 stops
when the VCC voltage reaches approximately 9.5V,
while the voltage across C2 continues rising until it
reaches the wakeup level of 24V. Once VIN exceeds
the UVLO threshold, NDRV begins switching the
MOSFET, transferring energy to the secondary and ter-
tiary outputs. If the voltage on the tertiary output builds
to higher than 10V (UVLO lower threshold), then startup
has been accomplished and sustained operation
will commence.
If VIN drops below 10V before startup is complete, then
the IC goes back into UVLO. In this case, increase the
value of C2 and/or use a MOSFET with a lower gate-
charge requirement.
Startup Time Considerations
The VIN bypass capacitor C2 supplies current immediate-
ly after wakeup. The size of C2 will determine the number
of cycles available for startup. Large values for C2 will
increase the startup time, but will also supply more gate
charge, allowing for more cycles after wakeup. If the
value of C2 is too small, VIN will drop below 10V because
Current-Mode PWM Controllers for Isolated
Power Supplies
_______________________________________________________________________________________
5
Pin Description
PIN
SOT23
PDIP
µMAX
NAME
FUNCTION
18
CS
Current Sense Connection for PWM Regulation and Overcurrent Protection. The current-limit
comparator threshold is internally set to 0.6V.
2
7
GND
Power-Supply Ground
3
6
NDRV
External N-Channel MOSFET Gate Connection
43
VCC
Gate Drive Supply. Internally regulated down from VIN. Decouple with a 10nF or larger
capacitor to GND.
52
VIN
IC Supply. Decouple with a 10nF or larger capacitor to GND. Connect a startup resistor
(Rs) from the input supply line to VIN. Connect to bias winding through diode rectifier.
See Typical Operating Circuit.
6
1
OPTO
Optocoupler Transistor Collector Connection. Connect emitter of optocoupler to GND.
The OPTO has an internal pullup resistor with a typical value of 6.2k
Ω.
—
4, 5
N.C.
No Connection. Do not make connections to these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com