Electronic Components Datasheet Search
  English  ▼

X  

MAX5021 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5021
Description  Current-Mode PWM Controllers for Isolated Power Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5021 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5021 Datasheet HTML 1Page - Maxim Integrated Products MAX5021 Datasheet HTML 2Page - Maxim Integrated Products MAX5021 Datasheet HTML 3Page - Maxim Integrated Products MAX5021 Datasheet HTML 4Page - Maxim Integrated Products MAX5021 Datasheet HTML 5Page - Maxim Integrated Products MAX5021 Datasheet HTML 6Page - Maxim Integrated Products MAX5021 Datasheet HTML 7Page - Maxim Integrated Products MAX5021 Datasheet HTML 8Page - Maxim Integrated Products MAX5021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Current-Mode PWM Controllers for Isolated
Power Supplies
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +11V to +28V, VCS = 0, OPTO is unconnected, 10nF bypass capacitors at VIN and VCC, NDRV unconnected, TA = -40°C to
+85°C, unless otherwise noted. Typical values are at VIN = +12V, TA = +25°C, unless otherwise noted.) (Note 1)
Note 1: All devices are 100% tested at TA = +25°C. All limits over temperature are guaranteed by characterization.
Note 2: This minimum current after startup is a safeguard that prevents the VIN pin voltage from rising in the event
that OPTO and NDRV become unconnected.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OSCILLATOR
Switching Frequency
fSW
230
262
290
kHz
MAX5021
50
51
Maximum Duty Cycle
DMAX
MAX5022
75
76
%
OPTO INPUT
OPTO Pullup Voltage
VOPTO
OPTO sourcing 10µA
5.5
V
OPTO Pullup Resistance
ROPTO
4.5
6.2
7.9
k
Ω
Typical Operating Characteristics
(VIN = 15V, TA = +25°C, unless otherwise noted.)
23.9
24.0
24.1
24.2
24.3
UNDERVOLTAGE LOCKOUT
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
20
40
-20
0
60
80
VIN RISING
9.8
9.9
10.0
10.1
10.2
UNDERVOLTAGE LOCKOUT
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
20
40
-20
0
60
80
VIN FALLING
47
48
49
50
51
52
53
-40
-20
0
20
40
60
80
STARTUP CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VIN = 23.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com