Electronic Components Datasheet Search
  English  ▼

X  

ADS5545 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5545
Description  14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5545 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS5545 Datasheet HTML 24Page - Texas Instruments ADS5545 Datasheet HTML 25Page - Texas Instruments ADS5545 Datasheet HTML 26Page - Texas Instruments ADS5545 Datasheet HTML 27Page - Texas Instruments ADS5545 Datasheet HTML 28Page - Texas Instruments ADS5545 Datasheet HTML 29Page - Texas Instruments ADS5545 Datasheet HTML 30Page - Texas Instruments ADS5545 Datasheet HTML 31Page - Texas Instruments ADS5545 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
www.ti.com
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
0
80
50
10
40
30
20
70
60
F
=130.09MHz,-7dBFS,
2-ToneIMD,90dBFS
IN1
F
=125.09MHz,-7dBFS,
IN2
62
58
90
f
InputFrequency
MHz
IN -
-
500
86
82
78
74
70
66
0
400
250
50
200
150
100
350
300
450
94
f
− InputFrequency − MHz
IN
63
64
65
66
67
68
69
70
71
72
73
74
75
10
20
30
40
50
70
100 130 170 300
DDRLVDS
CMOSData
Position1
CMOSData
Position2
CMOSData
Position3
CMOSData
Position4
66
65
75
f
InputFrequency
MHz
IN -
-
500
74
73
72
71
70
67
0
400
250
50
200
150
100
350
300
450
69
68
LVDSMode
f
− InputFrequency − MHz
IN
67
68
69
70
71
72
73
74
75
10
30
50
70
90 110 130 150 170
210 230
190
0dB
1dB
3dB
4dB
5dB
6dB
2dB
f
− InputFrequency − MHz
IN
90
92
96
10
30
50
70
90 110 130 150 170
210 230
190
86
88
80
82
84
76
78
94
0dB
Input Adjustedto-1dBFS
forEachGainSetting
2dB
3dB
6dB
4dB
5dB
1dB
ADS5545
SLWS180C – NOVEMBER 2005 – REVISED MAY 2007
TYPICAL CHARACTERISTICS (continued)
All plots are at 25
°C, AVDD = DRVDD = 3.3 V, sampling frequency = 170 MSPS, sine wave input clock, 1.5 V
PP differential
clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, 0 dB gain, DDR LVDS
data output (unless otherwise noted)
INTERMODULATION DISTORTION (IMD) vs FREQUENCY
SFDR vs INPUT FREQUENCY
Figure 21.
Figure 22.
SNR vs INPUT FREQUENCY
SNR vs INPUT FREQUENCY
Figure 23.
Figure 24.
SFDR vs GAIN
SNR vs GAIN
Figure 25.
Figure 26.
28
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com