Electronic Components Datasheet Search
  English  ▼

X  

ADS5545 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5545
Description  14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5545 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS5545 Datasheet HTML 45Page - Texas Instruments ADS5545 Datasheet HTML 46Page - Texas Instruments ADS5545 Datasheet HTML 47Page - Texas Instruments ADS5545 Datasheet HTML 48Page - Texas Instruments ADS5545 Datasheet HTML 49Page - Texas Instruments ADS5545 Datasheet HTML 50Page - Texas Instruments ADS5545 Datasheet HTML 51Page - Texas Instruments ADS5545 Datasheet HTML 52Page - Texas Instruments ADS5545 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
www.ti.com
Signal-to-Noise Ratio
SNR + 10Log
10 Ps
P
N
(4)
Signal-to-Noise and Distortion (SINAD)
SINAD + 10Log
10
Ps
P
N ) PD
(5)
Effective Number of Bits (ENOB)
ENOB +
SINAD * 1.76
6.02
(6)
Total Harmonic Distortion (THD)
THD + 10Log
10 Ps
P
N
(7)
Spurious-Free Dynamic Range (SFDR)
Two-Tone Intermodulation Distortion
DC Power Supply Rejection Ratio (DC PSRR)
ADS5545
SLWS180C – NOVEMBER 2005 – REVISED MAY 2007
DEFINITION OF SPECIFICATIONS (continued)
SNR is the ratio of the power of the fundamental (PS) to the noise floor power (PN), excluding the power at dc
and the first nine harmonics.
SNR is either given in units of dBc (dB to carrier) when the absolute power of the fundamental is used as the
reference, or dBFS (dB to full scale) when the power of the fundamental is extrapolated to the converter’s
full-scale range.
SINAD is the ratio of the power of the fundamental (PS) to the power of all the other spectral components
including noise (PN) and distortion (PD), but excluding dc.
SINAD is either given in units of dBc (dB to carrier) when the absolute power of the fundamental is used as the
reference, or dBFS (dB to full scale) when the power of the fundamental is extrapolated to the converter’s
full-scale range.
The ENOB is a measure of a converter’s performance as compared to the theoretical limit based on quantization
noise.
THD is the ratio of the power of the fundamental (PS) to the power of the first nine harmonics (PD).
THD is typically given in units of dBc (dB to carrier).
The ratio of the power of the fundamental to the highest other spectral component (either spur or harmonic).
SFDR is typically given in units of dBc (dB to carrier).
IMD3 is the ratio of the power of the fundamental (at frequencies f1 and f2) to the power of the worst spectral
component at either frequency 2f1–f2 or 2f2–f1. IMD3 is either given in units of dBc (dB to carrier) when the
absolute power of the fundamental is used as the reference, or dBFS (dB to full scale) when the power of the
fundamental is extrapolated to the converter’s full-scale range.
The DC PSSR is the ratio of the change in offset error to a change in analog supply voltage. The DC PSRR is
typically given in units of mV/V.
49
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com