Electronic Components Datasheet Search
  English  ▼

X  

ADS5545 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5545
Description  14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5545 Datasheet(HTML) 38 Page - Texas Instruments

Back Button ADS5545 Datasheet HTML 34Page - Texas Instruments ADS5545 Datasheet HTML 35Page - Texas Instruments ADS5545 Datasheet HTML 36Page - Texas Instruments ADS5545 Datasheet HTML 37Page - Texas Instruments ADS5545 Datasheet HTML 38Page - Texas Instruments ADS5545 Datasheet HTML 39Page - Texas Instruments ADS5545 Datasheet HTML 40Page - Texas Instruments ADS5545 Datasheet HTML 41Page - Texas Instruments ADS5545 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
www.ti.com
External Reference
Full−scale differential input pp + (Voltage forced on VCM)
1.33
(2)
Low Sampling Frequency Operation
Clock Input
CLKP
VCM
5kW
5kW
CLKM
VCM
ADS5545
ADS5545
SLWS180C – NOVEMBER 2005 – REVISED MAY 2007
APPLICATION INFORMATION (continued)
When the device is in external reference mode, the VCM acts as a reference input pin. The voltage forced on
the VCM pin is buffered and gained by 1.33 internally, generating the REFP and REFM voltages. The differential
input voltage corresponding to full-scale is given by Equation 2.
In this mode, the 1.5 V common-mode voltage to bias the input pins has to be generated externally. There is no
change in performance compared to internal reference mode.
For best performance at high sampling frequencies, ADS5545 uses a clock generator circuit to derive internal
timing for the ADC. The clock generator operates from 170 MSPS down to 50 MSPS in the DEFAULT SPEED
mode. The ADC enters this mode after applying reset (with serial interface configuration) or by tying SCLK pin to
low (with parallel configuration).
For low sampling frequencies (below 50 MSPS), the ADC must be put in the LOW SPEED mode. This mode
can be entered by:
• setting the register bit <LOW SPEED> (Table 10) through the serial interface, OR
• tying the SCLK pin to high (Table 3) using the parallel configuration.
ADS5545 clock inputs can be driven differentially (SINE, LVPECL or LVDS) or single-ended (LVCMOS), with
little or no difference in performance between configurations. The common-mode voltage of the clock inputs is
set to VCM using internal 5-k
Ω resistors as shown in Figure 50. This allows the use of transformer-coupled drive
circuits for sine wave clock, or ac-coupling for LVPECL, LVDS clock sources (Figure 51 and Figure 52)
Figure 50. Internal Clock Buffer
38
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com