Electronic Components Datasheet Search
  English  ▼

X  

AM5K2E02 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # AM5K2E02
Description  AM5K2E0x Multicore ARM KeyStone II System-on-Chip (SoC)
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5K2E02 Datasheet(HTML) 35 Page - Texas Instruments

Back Button AM5K2E02 Datasheet HTML 31Page - Texas Instruments AM5K2E02 Datasheet HTML 32Page - Texas Instruments AM5K2E02 Datasheet HTML 33Page - Texas Instruments AM5K2E02 Datasheet HTML 34Page - Texas Instruments AM5K2E02 Datasheet HTML 35Page - Texas Instruments AM5K2E02 Datasheet HTML 36Page - Texas Instruments AM5K2E02 Datasheet HTML 37Page - Texas Instruments AM5K2E02 Datasheet HTML 38Page - Texas Instruments AM5K2E02 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 252 page
background image
AM5K2E04, AM5K2E02
www.ti.com
SPRS864D – NOVEMBER 2012 – REVISED MARCH 2015
Table 5-2. Terminal Functions — Signals and Control by Function (continued)
SIGNAL NAME
BALL NO.
TYPE
IPD/IPU
DESCRIPTION
SPI1SCS0
P29
OZ
Up
SPI1 interface enable 0
SPI1SCS1
M32
OZ
Up
SPI1 interface enable 1
SPI1SCS2
N30
OZ
Up
SPI1 interface enable 2
SPI1SCS3
N33
OZ
Up
SPI1 interface enable 3
SPI2
SPI2CLK
L33
OZ
Down
SPI2 clock
SPI2DIN
P30
I
Down
SPI2 data in
SPI2DOUT
R31
OZ
Down
SPI2 data out
SPI2SCS0
P31
OZ
Up
SPI2 interface enable 0
SPI2SCS1
R29
OZ
Up
SPI2 interface enable 1
SPI2SCS2
P33
OZ
Up
SPI2 interface enable 2
SPI2SCS3
L30
OZ
Up
SPI2 interface enable 3
Sync-Ethernet / IEEE1588
TSCOMPOUT
AF4
O
Down
IEEE1588 compare output
TSPUSHEVT0
AG3
I
Down
PPS push event from GPS for IEEE1588
TSPUSHEVT1
AL1
I
Down
Push event from BCN for IEEE1588
TSSYNCEVT
AE5
O
Down
IEEE1588 sync event output
Timer
TIMI0
K33
I
Down
Timer 0 input
TIMO0
K31
OZ
Down
Timer 0 output
TIMI1
K32
I
Down
Timer 1 input
TIMO1
K30
OZ
Down
Timer 1 output
TSIP
TSIP0CLKA
AK31
I
Down
CLKA0 TSIP0 external clock A
TSIP0CLKB
AK33
I
Down
CLKB0 TSIP0 external clock B
TSIP0FSA
AJ31
I
Down
FSA0 TSIP0 frame sync A
TSIP0FSB
AK32
I
Down
FSB0 TSIP0 frame sync B
TSIP0TR0
AM31
I
Down
TR00 TR01 TSIP0 receive data
TSIP0TR1
AL33
I
Down
TSIP0TX0
AL32
OZ
Down
TX00 TX01 TSIP0 transmit data
TSIP0TX1
AM32
OZ
Down
UART0
UART0CTS
R33
I
Down
UART0 clear to send
UART0DSR
W29
I
Down
UART0 data set ready
UART0DTR
U33
OZ
Down
UART0 data terminal ready
UART0RTS
R32
OZ
Down
UART0 request to send
UART0RXD
T29
I
Down
UART0 serial data in
UART0TXD
T30
OZ
Down
UART0 serial data out
UART1
UART1CTS
T31
I
Down
UART1 clear to send
UART1RTS
T33
OZ
Down
UART1 request to send
UART1RXD
U29
I
Down
UART1 serial data in
UART1TXD
T32
OZ
Down
UART1 serial data out
USB0 (USB_3.0)
USB0DM
W3
IOZ
USB0 D-
USB0DP
V3
IOZ
USB0 D+
USB0DRVVBUS
AB1
O
Down
USB0 DRVVBUS output
USB0ID0
W4
A
USB0 ID
USB0RESREF
Y6
A
Reference resistor connection for USB0 PHY (200
Ω +- 1% resistor to ground)
USB0RX0M
T1
I
USB0_3.0 receive data
USB0RX0P
U1
I
Copyright © 2012–2015, Texas Instruments Incorporated
Terminals
35
Submit Documentation Feedback
Product Folder Links: AM5K2E04 AM5K2E02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com