Electronic Components Datasheet Search
  English  ▼

X  

AM5K2E02 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # AM5K2E02
Description  AM5K2E0x Multicore ARM KeyStone II System-on-Chip (SoC)
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5K2E02 Datasheet(HTML) 55 Page - Texas Instruments

Back Button AM5K2E02 Datasheet HTML 51Page - Texas Instruments AM5K2E02 Datasheet HTML 52Page - Texas Instruments AM5K2E02 Datasheet HTML 53Page - Texas Instruments AM5K2E02 Datasheet HTML 54Page - Texas Instruments AM5K2E02 Datasheet HTML 55Page - Texas Instruments AM5K2E02 Datasheet HTML 56Page - Texas Instruments AM5K2E02 Datasheet HTML 57Page - Texas Instruments AM5K2E02 Datasheet HTML 58Page - Texas Instruments AM5K2E02 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 252 page
background image
AM5K2E04, AM5K2E02
www.ti.com
SPRS864D – NOVEMBER 2012 – REVISED MARCH 2015
6
Memory, Interrupts, and EDMA for AM5K2E0x
6.1
Memory Map SummaryAM5K2E0x
The following table shows the memory map address ranges of the device.
Table 6-1. Device Memory Map Summary AM5K2E0x
Physical 40-bit Address
Start
End
Bytes
ARM View
SOC View
00 0000 0000
00 0003 FFFF
256K
ARM ROM
ARM ROM
00 0004 0000
00 007F FFFF
8M-256K
Reserved
Reserved
00 0080 0000
00 008F FFFF
1M
Reserved
Reserved
00 0090 0000
00 00DF FFFF
5M
Reserved
Reserved
00 00E0 0000
00 00E0 7FFF
32K
Reserved
Reserved
00 00E0 8000
00 00EF FFFF
1M-32K
Reserved
Reserved
00 00F0 0000
00 00F0 7FFF
32K
Reserved
Reserved
00 00F0 8000
00 00FF FFFF
1M-32K
Reserved
Reserved
00 0100 0000
00 0100 FFFF
64K
ARM AXI2VBUSM registers
Reserved
00 0101 0000
00 010F FFFF
1M-64K
Reserved
Reserved
00 0110 0000
00 0110 FFFF
64K
ARM STM Stimulus Ports
Reserved
00 0101 0000
00 01BF FFFF
11M-64K
Reserved
Reserved
00 01C0 0000
00 01CF FFFF
1M
Reserved
Reserved
00 01D0 0000
00 01D0 007F
128
Tracer CFG0
Tracer CFG0
00 01D0 0080
00 01D0 7FFF
32K-128
Reserved
Reserved
00 01D0 8000
00 01D0 807F
128
Tracer CFG1
Tracer CFG1
00 01D0 8080
00 01D0 FFFF
32K-128
Reserved
Reserved
00 01D1 0000
00 01D1 007F
128
Tracer CFG2
Tracer CFG2
00 01D1 0080
00 01D1 7FFF
32K-128
Reserved
Reserved
00 01D1 8000
00 01D1 807F
128
Tracer CFG3
Tracer CFG3
00 01D1 8080
00 01D1 FFFF
32K-128
Reserved
Reserved
00 01D2 0000
00 01D2 007F
128
Tracer CFG4
Tracer CFG4
00 01D2 0080
00 01D2 7FFF
32K-128
Reserved
Reserved
00 01D2 8000
00 01D2 807F
128
Tracer CFG5
Tracer CFG5
00 01D2 8080
00 01D2 FFFF
32K-128
Reserved
Reserved
00 01D3 0000
00 01D3 007F
128
Tracer CFG6
Tracer CFG6
00 01D3 0080
00 01D3 7FFF
32K-128
Reserved
Reserved
00 01D3 8000
00 01D3 807F
128
Tracer CFG7
Tracer CFG7
00 01D3 8080
00 01D3 FFFF
32K-128
Reserved
Reserved
00 01D4 0000
00 01D4 007F
128
Tracer CFG8
Tracer CFG8
00 01D4 0080
00 01D4 7FFF
32K-128
Reserved
Reserved
00 01D4 8000
00 01D4 807F
128
Tracer CFG9
Tracer CFG9
00 01D4 8080
00 01D4 FFFF
32K-128
Reserved
Reserved
00 01D5 0000
00 01D5 007F
128
Reserved
Reserved
00 01D5 0080
00 01D5 7FFF
32K-128
Reserved
Reserved
00 01D5 8000
00 01D5 807F
128
Reserved
Reserved
00 01D5 8080
00 01D5 FFFF
32K-128
Reserved
Reserved
00 01D6 0000
00 01D6 007F
128
Reserved
Reserved
00 01D6 0080
00 01D6 7FFF
32K-128
Reserved
Reserved
00 01D6 8000
00 01D6 807F
128
Reserved
Reserved
00 01D6 8080
00 01D6 FFFF
32K-128
Reserved
Reserved
00 01D7 0000
00 01D7 007F
128
Reserved
Reserved
00 01D7 0080
00 01D7 7FFF
32K-128
Reserved
Reserved
00 01D7 8000
00 01D7 807F
128
Reserved
Reserved
00 01D7 8080
00 01D7 FFFF
32K-128
Reserved
Reserved
Copyright © 2012–2015, Texas Instruments Incorporated
Memory, Interrupts, and EDMA for AM5K2E0x
55
Submit Documentation Feedback
Product Folder Links: AM5K2E04 AM5K2E02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com