Electronic Components Datasheet Search
  English  ▼

X  

AM1707 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  AM1707 ARM짰 Microprocessor
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1707 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 28Page - Texas Instruments AM1707 Datasheet HTML 29Page - Texas Instruments AM1707 Datasheet HTML 30Page - Texas Instruments AM1707 Datasheet HTML 31Page - Texas Instruments AM1707 Datasheet HTML 32Page - Texas Instruments AM1707 Datasheet HTML 33Page - Texas Instruments AM1707 Datasheet HTML 34Page - Texas Instruments AM1707 Datasheet HTML 35Page - Texas Instruments AM1707 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 200 page
background image
AM1707
SPRS637E – FEBRUARY 2010 – REVISED JUNE 2014
www.ti.com
3.6.22 Unused USB0 (USB2.0) and USB1 (USB1.1) Pin Configurations
If one or both USB modules on the device are not used, then some of the power supplies to those
modules may not be required. This can eliminate the requirement for a 1.8V power supply to the USB
modules. The required pin configurations for unused USB modules are shown below.
Table 3-24. Unused USB0 and USB1 Pin Configurations
SIGNAL NAME
Configuration
Configuration
(When USB0 and USB1 are not used)
(When USB0 is used
and USB1 is not used)
USB0_DM
No connect
Use as USB0 function
USB0_DP
No connect
Use as USB0 function
USB0_VDDA33
No connect
3.3V
USB0_VDDA18
No connect
1.8V
USB0_ID
No connect
Use as USB0 function
USB0_VBUS
No connect
Use as USB0 function
USB0_DRVVBUS/GP4[15]
No connect or use as alternate function
Use as USB0 or alternate function
USB0_VDDA12
Internal USB0 PHY output connected to an external 0.22
μF filter capacitor, even if USB0 is
not used.
USB1_DM
No connect
VSS
USB1_DP
No connect
VSS
USB1_VDDA33
No connect
No connect
USB1_VDDA18
No connect
No connect
AHCLKX0/AHCLKX2/USB_REFCLKIN/
No connect or use as alternate function
Use as USB0 or alternate function
GP2[11]
32
Device Overview
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com