Electronic Components Datasheet Search
  English  ▼

X  

AM1707 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  AM1707 ARM짰 Microprocessor
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1707 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 2Page - Texas Instruments AM1707 Datasheet HTML 3Page - Texas Instruments AM1707 Datasheet HTML 4Page - Texas Instruments AM1707 Datasheet HTML 5Page - Texas Instruments AM1707 Datasheet HTML 6Page - Texas Instruments AM1707 Datasheet HTML 7Page - Texas Instruments AM1707 Datasheet HTML 8Page - Texas Instruments AM1707 Datasheet HTML 9Page - Texas Instruments AM1707 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 200 page
background image
AM1707
SPRS637E – FEBRUARY 2010 – REVISED JUNE 2014
www.ti.com
Revision History (continued)
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Table 6-26, EMIFB SDRAM Interface Timing Requirements:
•
Updated/Changed Parameter No. 19 from "tsu(DV-CLKH)" to "t(DV-CLKH)"
•
Added new column: "CVDD = 1.3V"
•
Added new footnote containing "...range rated devices for 456 MHz max CPU operating..."
•
Added new footnote containing "...range rated devices for 400/375/300/266/200 MHz max CPU
operating ..."
Table 6-27, EMIFB SDRAM Interface Switching Characteristics for Commercial (Default) Temperature
Range:
•
Updated/Changed table title from "...Switching Characteristics..." to "...Switching Characteristics for
Commercial (Default) Temperature Range"
Section 6.11.4
•
Added new footnote containing "...range rated devices for 456 MHz max CPU operating ..."
EMIFB Electrical
•
Added new footnote containing "...range rated devices for 400/375/300/266/200 MHz max CPU
Data/Timing
operating..."
•
Updated/Changed CVDD = 1.3V MIN column values for Parameter No. 4, 6, 8, 10, 12, 14, 16, and 18
from "0.9" to "1.1"
•
Updated/Changed CVDD = 1.3V MAX column values for Parameter No. 3, 5, 7, 9, 11, 13, 15, and 17
from "5.1" to "4.25"
•
Populated CVDD = 1.2V column with values (was empty)
•
Updated/Changed Parameter No. 18 from "tena(CLKH-DLZ)" to "t(CLKH-DLZ)"
Table 6-28, EMIFB SDRAM Interface Switching Characteristics for Industrial, Extended, and Automotive
Temperature Ranges:
•
Added NEW table
Table 6-45, McASP Registers Accessed Through DMA Port:
Section 6.16
Multichannel Audio
•
Updated/Changed Read Accesses Register Description from "XBUSEL = 0 in XFMT" to "RBUSEL = 0 in
Serial Ports
RFMT"
(McASP0, McASP1,
•
Updated/Changed Write Accesses Register Description from "RBUSEL = 0 in RFMT" to "XBUSEL = 0 in
and McASP2)
XFMT"
Section 6.32
Section 6.32.2, Registers:
Real Time Clock
•
Deleted "See the device-specific data ..." sentence
(RTC)
Section 7.6
Added NEW section.
Glossary
3
Device Overview
3.1
Device Characteristics
Table 3-1 provides an overview of the device. The table shows significant features of the device, including
the capacity of on-chip RAM, peripherals, and the package type with pin count.
6
Device Overview
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com