Electronic Components Datasheet Search
  English  ▼

X  

AM1707 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # AM1707
Description  AM1707 ARM짰 Microprocessor
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1707 Datasheet(HTML) 45 Page - Texas Instruments

Back Button AM1707 Datasheet HTML 41Page - Texas Instruments AM1707 Datasheet HTML 42Page - Texas Instruments AM1707 Datasheet HTML 43Page - Texas Instruments AM1707 Datasheet HTML 44Page - Texas Instruments AM1707 Datasheet HTML 45Page - Texas Instruments AM1707 Datasheet HTML 46Page - Texas Instruments AM1707 Datasheet HTML 47Page - Texas Instruments AM1707 Datasheet HTML 48Page - Texas Instruments AM1707 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 200 page
background image
OSCIN
TRST
RESET
RESETOUT
Boot Pins
Config
Power Supplies Stable
1
2
3
4
Driven or Hi-Z
OSCIN
RESET
RESETOUT
BootPins
Config
Power
Supplies
Ramping
PowerSuppliesStable
ClockSourceStable
1
2
3
4
TRST
AM1707
www.ti.com
SPRS637E – FEBRUARY 2010 – REVISED JUNE 2014
6.4.3
Reset Electrical Data Timings
Table 6-1 assumes testing over the recommended operating conditions.
Table 6-1. Reset Timing Requirements(1)(2)
N
MIN
MAX
UNIT
o.
1
tw(RSTL)
Pulse width, RESET/TRST low
100
ns
2
tsu(BPV-RSTH)
Setup time, boot pins valid before RESET/TRST high
20
ns
3
th(RSTH-BPV)
Hold time, boot pins valid after RESET/TRST high
20
ns
td(RSTH-RESETOUTH)
RESET high to RESETOUT high; Warm reset
4096
4
cycles(3)
RESET high to RESETOUT high; Power-on Reset
6192
(1)
RESETOUT is multiplexed with other pin functions. See the Terminal Functions table, Table 3-3 for details.
(2)
For power-on reset (POR), the reset timings in this table refer to RESET and TRST together. For warm reset, the reset timings in this
table refer to RESET only (TRST is held high).
(3)
OSCIN cycles.
Figure 6-4. Power-On Reset (RESET and TRST active) Timing
Figure 6-5. Warm Reset (RESET active, TRST high) Timing
Copyright © 2010–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
45
Submit Documentation Feedback
Product Folder Links: AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com