Electronic Components Datasheet Search
  English  ▼

X  

DP83256VF Datasheet(PDF) 130 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83256VF
Description  PLAYERa??Device (FDDI Physical Layer Controller)
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83256VF Datasheet(HTML) 130 Page - National Semiconductor (TI)

Back Button DP83256VF Datasheet HTML 126Page - National Semiconductor (TI) DP83256VF Datasheet HTML 127Page - National Semiconductor (TI) DP83256VF Datasheet HTML 128Page - National Semiconductor (TI) DP83256VF Datasheet HTML 129Page - National Semiconductor (TI) DP83256VF Datasheet HTML 130Page - National Semiconductor (TI) DP83256VF Datasheet HTML 131Page - National Semiconductor (TI) DP83256VF Datasheet HTML 132Page - National Semiconductor (TI) DP83256VF Datasheet HTML 133Page - National Semiconductor (TI) DP83256VF Datasheet HTML 134Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 144 page
background image
80 Connection Diagrams (Continued)
TABLE 8-1 DP83256 100-Pin PQFP Pinout Summary
(Continued)
Pin No
Signal Name
Symbol
IO
Pin Type
39
PMD Indicate Data a
PMIDa
I
ECL
40
Sense Pin 0
SP0
I
TTL
41
Enable Pin 0
EP0
O
TTL
42
Sense Pin 1
SP1
I
TTL
43
Enable Pin 1
EP1
O
TTL
44
ECL Power
VCC ECL
a
5V
45
ECL Ground
GND
ECL
a
0V
46
PMD Transmitter Enable
TXE
O
TTL
47
PMD Transmitter Enable Level
TEL
I
TTL
48
Reserved
0
RES
0
a
0V
49
No Connect
NC
50
Reserved
0
RES
0
a
0V
51
Reserved
0
RES
0
a
0V
52
Reserved
0
RES
0
a
0V
53
Reserved
0
RES
0
a
0V
54
No Connect
NC
55
ECL Ground
GND
ECL
a
0V
56
ECL Power
VCC ECL
a
5V
57
Reserved
0
RES
0
a
0V
58
Reserved
0
RES
0
a
0V
59
PHY Port B Request Datak0l
BRD0
I
TTL
60
PHY Port B Request Datak1l
BRD1
I
TTL
61
PHY Port B Request Datak2l
BRD2
I
TTL
62
PHY Port B Request Datak3l
BRD3
I
TTL
63
PHY Port B Request Datak4l
BRD4
I
TTL
64
IO Ground
GND
IO
a
0V
65
IO Power
VCC IO
a
5V
66
PHY Port B Request Datak5l
BRD5
I
TTL
67
PHY Port B Request Datak6l
BRD6
I
TTL
68
PHY Port B Request Datak7l
BRD7
I
TTL
69
PHY Port B Request Control
BRC
I
TTL
70
PHY Port B Request Parity
BRP
O
TTL
71
E
Device Reset
E
RST
I
TTL
72
Read EWrite
R EW
I
TTL
73
Chip Enable
E
CE
I
TTL
74
E
Interrupt
E
INT
O
Open Drain
75
E
Acknowledge
E
ACK
O
Open Drain
76
Control Bus Addressk0l
CBA0
I
TTL
130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com