Electronic Components Datasheet Search
  English  ▼

X  

40L15CT Datasheet(PDF) 4 Page - International Rectifier

Part # 40L15CT
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40L15CT Datasheet(HTML) 4 Page - International Rectifier

  40L15CT Datasheet HTML 1Page - International Rectifier 40L15CT Datasheet HTML 2Page - International Rectifier 40L15CT Datasheet HTML 3Page - International Rectifier 40L15CT Datasheet HTML 4Page - International Rectifier 40L15CT Datasheet HTML 5Page - International Rectifier 40L15CT Datasheet HTML 6Page - International Rectifier 40L15CT Datasheet HTML 7Page - International Rectifier 40L15CT Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
40L15CT, 40L15CTS, 40L15CT-1
Bulletin PD-20568 rev. E 09/01
4
www.irf.com
Fig. 8 - Unclamped Inductive Test Circuit
Fig.5-Maximum Allowable Case Temperature
Vs. Average Forward Current
Fig.6-Forward Power Loss Characteristics
Fig.7-Maximum Non-Repetitive Surge Current
FR EE-W HE EL
D IO D E
40H FL40S02
CUR RE N T
MO N ITO R
HIG H -SPE ED
SW ITC H
IRFP460
L
DUT
Rg = 25 ohm
Vd = 25 V olt
+
0
2
4
6
8
10
12
14
0
5
10
15
2 0
2 5
3 0
DC
F(A V)
RM S Lim it
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
A vera g e Forw a rd C urren t - I
(A)
100
1000
10
100
1000
10000
p
At An y Rate d Load C ond ition
A n d W ith Rate d V
Ap plie d
Follow in g Surg e
RRM
Sq uare W ave Pulse D uration - t
(m ic rose c )
70
75
80
85
90
95
100
0
4
8
1 2
16
20
24
F(A V)
see n o te ( 2)
A ve ra g e Forw ard C urren t - I
(A)
Squa re w ave (D = 0.50)
(2) Formula used: T
C = TJ - (Pd + PdREV) x RthJC ;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D) (see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com