Electronic Components Datasheet Search
  English  ▼

X  

40L15CT Datasheet(PDF) 7 Page - International Rectifier

Part # 40L15CT
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40L15CT Datasheet(HTML) 7 Page - International Rectifier

  40L15CT Datasheet HTML 1Page - International Rectifier 40L15CT Datasheet HTML 2Page - International Rectifier 40L15CT Datasheet HTML 3Page - International Rectifier 40L15CT Datasheet HTML 4Page - International Rectifier 40L15CT Datasheet HTML 5Page - International Rectifier 40L15CT Datasheet HTML 6Page - International Rectifier 40L15CT Datasheet HTML 7Page - International Rectifier 40L15CT Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
40L15CT, 40L15CTS, 40L15CT-1
Bulletin PD-20568 rev. E 09/01
7
www.irf.com
Ordering Information Table
Device Code
1
5
2
4
3
1
-
Current Rating: 40 = 40A
2
-
L = Schottky L Series
3
-
Voltage Rating: 15 = 15V
4
-
C = Common Cathode
5
-
T = TO-220
6
-
-1 = TO-262option
40
L
15
C
T
- 1
TRR
FEED DIR ECTION
TRL
FEED DIRECTION
10.90 (0.429)
10.70 (0.421)
16.10 (0.634)
15.90 (0.626)
1.75 (0.069)
1.25 (0.049)
1.85 (0.073)
1.65 (0.065)
4.10 (0.161)
3.90 (0.153)
1.60 (0.063)
1.50 (0.059)
DIA.
1.60 (0.063)
1.50 (0.059)
DIA.
11.60 (0.457)
11.40 (0.449)
15.42 (0.609)
15.22 (0.601)
4.72 (0.186)
4.52 (0.178)
24.30 (0.957)
23.90 (0.941)
0.368 (0.0145)
0.342 (0.0135)
360 (14.173)
DIA. MAX.
26.40 (1.039)
24.40 (0.961)
13.50 (0.532)
12.80 (0.504) DIA.
60 (2.362)
DIA. MIN .
SMD-220 Tape & Reel
When ordering, indicate the part
number, part orientation, and the
quantity. Quantities are in multiples
of 800 pieces per reel for both
TRL and TRR.
Dimensionsinmillimetersand(inches)
Tape & Reel Information
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com