Electronic Components Datasheet Search
  English  ▼

X  

40L15CT Datasheet(PDF) 1 Page - International Rectifier

Part # 40L15CT
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40L15CT Datasheet(HTML) 1 Page - International Rectifier

  40L15CT Datasheet HTML 1Page - International Rectifier 40L15CT Datasheet HTML 2Page - International Rectifier 40L15CT Datasheet HTML 3Page - International Rectifier 40L15CT Datasheet HTML 4Page - International Rectifier 40L15CT Datasheet HTML 5Page - International Rectifier 40L15CT Datasheet HTML 6Page - International Rectifier 40L15CT Datasheet HTML 7Page - International Rectifier 40L15CT Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCHOTTKY RECTIFIER
2 x 20 Amps
40L15CT
40L15CTS
40L15CT-1
Bulletin PD-20568 rev. E 09/01
1
www.irf.com
I
F(AV) Rectangular
40
A
waveform
V
RRM
15
V
I
FSM @ tp = 5 µs sine
700
A
V
F
@19Apk,T
J=125°C
0.25
V
(per leg, Typical)
T
J
-55 to125
°C
Characteristics
Values
Units
Major Ratings and Characteristics
Description/Features
The center tap Schottky rectifier module has been optimized for
ultra low forward voltage drop specifically for the OR-ing of
parallel power supplies. The proprietary barrier technology
allows for reliable operation up to 125 °C junction temperature.
Typical applications are in parallel switching power supplies,
converters, reverse battery protection, and redundant power
subsystems.
125°C T
J operation (VR < 5V)
Center tap module
Optimized for OR-ing applications
Ultra low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
40L15CT
TO-220AB
Case Styles
40L15CTS
D2PAK
40L15CT-1
TO-262
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode


Similar Part No. - 40L15CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40L15CT VISHAY-40L15CT Datasheet
113Kb / 6P
Schottky Rectifier, 2 x 20 A
22-Aug-08
logo
International Rectifier
40L15CT-1 IRF-40L15CT-1 Datasheet
250Kb / 7P
SCHOTTKY RECTIFIER 2 x 20 Amps
logo
Vishay Siliconix
40L15CT-1 VISHAY-40L15CT-1 Datasheet
126Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
logo
International Rectifier
40L15CT-1PBF IRF-40L15CT-1PBF Datasheet
250Kb / 7P
SCHOTTKY RECTIFIER 2 x 20 Amps
logo
Vishay Siliconix
40L15CT-1PBF VISHAY-40L15CT-1PBF Datasheet
129Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
More results

Similar Description - 40L15CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com