Electronic Components Datasheet Search
  English  ▼

X  

40L15CT Datasheet(PDF) 2 Page - International Rectifier

Part # 40L15CT
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40L15CT Datasheet(HTML) 2 Page - International Rectifier

  40L15CT Datasheet HTML 1Page - International Rectifier 40L15CT Datasheet HTML 2Page - International Rectifier 40L15CT Datasheet HTML 3Page - International Rectifier 40L15CT Datasheet HTML 4Page - International Rectifier 40L15CT Datasheet HTML 5Page - International Rectifier 40L15CT Datasheet HTML 6Page - International Rectifier 40L15CT Datasheet HTML 7Page - International Rectifier 40L15CT Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
40L15CT, 40L15CTS, 40L15CT-1
Bulletin PD-20568 rev. E 09/01
2
www.irf.com
Part number
Values
V
R
Max. DC Reverse Voltage (V)
@ T
J = 100 °C
V
RWM Max. Working Peak Reverse Voltage (V)
@ T
J = 100 °C
15
T
J
Max.JunctionTemperatureRange
-55to125
°C
T
stg
Max.StorageTemperatureRange
-55to150
°C
R
thJC Max. Thermal Resistance
1.5
°C/W DCoperation
*SeeFig.4
Junction to Case
(Per Leg)
R
thCS Typical Thermal Resistance
0.50
°C/W Mountingsurface,smooth and greased
Case to Heatsink
Only for TO-220
R
thJA Max. Thermal Resistance
40
°C/W DCoperation
Junction to Ambient
For D2Pak and TO-262
wt
Approximate Weight
2(0.07)
g(oz.)
T
Mounting Torque
Min.
6(5)
Non-lubricated threads
Max.
12(10)
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
Parameters
Values
Units
Conditions
Absolute Maximum Ratings
Following any rated
load condition and with
rated V
RRMapplied
Parameters
Values
Units
Conditions
A
Typ. Max.
V
FM
Forward Voltage Drop
-
0.41
V
@ 19A
(Per Leg) * See Fig. 1
(1)
-
0.52
V
@ 40A
0.25 0.33
V
@ 19A
0.37 0.50
V
@ 40A
I
RM
Reverse Leakage Current
-
10
mA
T
J = 25 °C
(Per Leg) * See Fig. 2
(1)
-
600
mA
T
J = 100 °C
V
F(TO) Threshold Voltage
0.182
V
T
J = TJ max.
r
t
Forward Slope Resistance
7.6
m
Ω
C
T
Max. Junction Capacitance (Per Leg)
-
2000
pF
V
R = 5VDC, (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
8
-
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10,000
V/ µs
(Rated V
R)
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
Parameters
Values
Units
Conditions
(1) Pulse Width < 300µs, Duty Cycle <2%
Voltage Ratings
Electrical Specifications
I
F(AV)
Max.AverageForward
(PerLeg)
20
A
50%dutycycle@T
C= 85°C, rectangular wave form
Current
* See Fig. 5
(PerDevice)
40
I
FSM
Max. Peak One Cycle Non-Repetitive
700
5µs Sine or 3µs Rect. pulse
SurgeCurrent (Per Leg) *SeeFig.7
330
10msSineor6msRect.pulse
E
AS
Non-Repetitive Avalanche Energy
10
mJ
T
J = 25 °C, IAS = 2 Amps, L = 6 mH
(Per Leg)
I
AR
Repetitive Avalanche Current
2
A
Current decaying linearly to zero in 1 µsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com