Electronic Components Datasheet Search
  English  ▼

X  

DAC7734EB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7734EB
Description  16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7734EB Datasheet(HTML) 4 Page - Texas Instruments

  DAC7734EB Datasheet HTML 1Page - Texas Instruments DAC7734EB Datasheet HTML 2Page - Texas Instruments DAC7734EB Datasheet HTML 3Page - Texas Instruments DAC7734EB Datasheet HTML 4Page - Texas Instruments DAC7734EB Datasheet HTML 5Page - Texas Instruments DAC7734EB Datasheet HTML 6Page - Texas Instruments DAC7734EB Datasheet HTML 7Page - Texas Instruments DAC7734EB Datasheet HTML 8Page - Texas Instruments DAC7734EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
DAC7734
4
SBAS138A
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
VCC to VSS ........................................................................... –0.3V to +32V
VCC to AGND ...................................................................... –0.3V to +16V
VSS to AGND ...................................................................... +0.3V to –16V
AGND to DGND ................................................................. –0.3V to +0.3V
VREFH to AGND ..................................................................... –9V to +11V
VREFL to AGND ...................................................................... –11V to +9V
VDD to GND ........................................................................... –0.3V to +6V
VREFH to VREFL ........................................................................ –1V to 22V
Digital Input Voltage to GND ................................... –0.3V to VDD + 0.3V
Digital Output Voltage to GND ................................. –0.3V to VDD + 0.3V
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ........................................ –40
°C to +85°C
Storage Temperature Range ......................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above those listed under
Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instruments
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
LINEARITY
DIFFERENTIAL
SPECIFIED
ERROR
NONLINEARITY
PACKAGE
TEMPERATURE
ORDERING
TRANSPORT
PRODUCT
(LSB)
(LSB)
PACKAGE
DESIGNATOR
RANGE
NUMBER
MEDIA, QUANTITY
DAC7734E
±4
±3
SSOP-48
333
–40
°C to +85°C
DAC7734E
Rails, 30
"
"""
"
"
DAC7734E/1K
Tape and Reel, 1000
DAC7734EB
±4
±2
SSOP-48
333
–40
°C to +85°C
DAC7734EB
Rails, 30
"
"""
"
"
DAC7734EB/1K
Tape and Reel, 1000
DAC7734EC
±3
±1
SSOP-48
333
–40
°C to +85°C
DAC7734EC
Rails, 30
"
"""
"
"
DAC7734EC/1K
Tape and Reel, 1000
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com.
ESD PROTECTION CIRCUITS
RefH
V
OUT Sense
V
CC
V
SS
V
DD
DGND
V
CC
AGND
V
SS
V
DD
DGND
V
OUT
RefH Sense
RefL Sense
RefL
1 of 2
1 of 4
Typ of Each
Logic Input Pin
SDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com