Electronic Components Datasheet Search
  English  ▼

X  

DAC7734EB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7734EB
Description  16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7734EB Datasheet(HTML) 1 Page - Texas Instruments

  DAC7734EB Datasheet HTML 1Page - Texas Instruments DAC7734EB Datasheet HTML 2Page - Texas Instruments DAC7734EB Datasheet HTML 3Page - Texas Instruments DAC7734EB Datasheet HTML 4Page - Texas Instruments DAC7734EB Datasheet HTML 5Page - Texas Instruments DAC7734EB Datasheet HTML 6Page - Texas Instruments DAC7734EB Datasheet HTML 7Page - Texas Instruments DAC7734EB Datasheet HTML 8Page - Texas Instruments DAC7734EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
16-Bit, Quad Voltage Output, Serial Input
DIGITAL-TO-ANALOG CONVERTER
DAC7734
DESCRIPTION
The DAC7734 is a 16-bit, quad voltage output, digital-to-
analog converter (DAC) with ensured 16-bit monotonic
performance over the specified temperature range. It accepts
24-bit serial input data, has double-buffered DAC input logic
(allowing simultaneous update of all DACs), and provides a
serial data output for daisy-chaining multiple DACs.
Programmable asynchronous reset clears all registers to a
mid-scale code of 8000h or to a zero-scale of 0000h. The
DAC7734 can operate from a single +15V supply or from
+15V and –15V, and +5V supplies.
Low power and small size per DAC make the DAC7734
ideal for automatic test equipment, DAC-per-pin
programmers, data acquisition systems, and closed-loop
servo-control. The DAC7734 is available in a 48-lead
SSOP package and offers ensured specifications over the
–40
°C to +85°C temperature range.
FEATURES
q LOW POWER: 200mW
q UNIPOLAR OR BIPOLAR OPERATION
q SINGLE SUPPLY OUTPUT RANGE: +10V
q DUAL SUPPLY OUTPUT RANGE:
±10V
q SETTLING TIME: 10
µs to 0.003%
q 16-BIT MONOTONICITY: –40
°C to +85°C
q PROGRAMMABLE RESET TO MID-SCALE
OR ZERO-SCALE
q DOUBLE-BUFFERED DATA INPUTS
q
±1 LSB DNL: –40°C to +85°C
APPLICATIONS
q PROCESS CONTROL
q ATE PIN ELECTRONICS
q CLOSED-LOOP SERVO-CONTROL
q MOTOR CONTROL
q DATA ACQUISITION SYSTEMS
q DAC-PER-PIN PROGRAMMERS
DAC A
DAC
Register A
Input
Register A
Shift
Register
DAC B
DAC
Register B
Input
Register B
DAC C
DAC
Register C
Input
Register C
DAC D
DAC
Register D
Input
Register D
VREFL AB VREFH AB
VREFH
AB Sense
VREFL
AB Sense
VOUTD
VOUTC
VOUTB
VOUTA
VOUTB Sense
VREFL CD VREFH CD
SDI
SDO
Control
Logic
CS
CLOCK
RST
RESTSEL
LDAC
LOAD
AGND
DGND
VOUTC Sense
VOUTD Sense
VOUTA Sense
VCC
VSS
VDD
DAC7734
VREFL
CD Sense
VREFH
CD Sense
DAC7
734
SBAS138A – DECEMBER 1999 – REVISED OCTOBER 2008
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1999-2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
www.ti.com
www.ti.com


Similar Part No. - DAC7734EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7734EB BURR-BROWN-DAC7734EB Datasheet
1Mb / 24P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7734EB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7731 BURR-BROWN-DAC7731 Datasheet
360Kb / 17P
16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7731 TI1-DAC7731_14 Datasheet
723Kb / 22P
16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7631 TI1-DAC7631_09 Datasheet
606Kb / 22P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com