Electronic Components Datasheet Search
  English  ▼

X  

DAC7734EB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7734EB
Description  16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7734EB Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC7734EB Datasheet HTML 12Page - Texas Instruments DAC7734EB Datasheet HTML 13Page - Texas Instruments DAC7734EB Datasheet HTML 14Page - Texas Instruments DAC7734EB Datasheet HTML 15Page - Texas Instruments DAC7734EB Datasheet HTML 16Page - Texas Instruments DAC7734EB Datasheet HTML 17Page - Texas Instruments DAC7734EB Datasheet HTML 18Page - Texas Instruments DAC7734EB Datasheet HTML 19Page - Texas Instruments DAC7734EB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
DAC7734
16
SBAS138A
www.ti.com
THEORY OF OPERATION
The DAC7734 is a quad voltage output, 16-bit Digital-to-
Analog Converter (DAC). The architecture is an R-2R
ladder configuration with the three MSBs segmented, fol-
lowed by an operational amplifier that serves as a buffer.
Each DAC has its own R-2R ladder network, segmented
MSBs, and output op amp, as shown in Figure 1. The
minimum voltage output (zero-scale) and maximum voltage
output (full-scale) are set by the external voltage references
VREFL and VREFH.
The digital input is a 24-bit serial word that contains a 2-bit
address code for selecting one of four DACs, a quick load
bit, five unused bits, and the 16-bit DAC code (MSB first).
The converters can be powered from either a single +15V
supply or a dual
±15V supply and a +5V logic supply. The
device offers a reset function that immediately sets all DAC
output voltages and DAC registers to mid-scale code 8000H
or to zero-scale, code 0000H. See Figures 2 and 3 for the
basic operation of the DAC7734.
FIGURE 1. DAC7734 Architecture.
FIGURE 2. Basic Single-Supply Operation of the DAC7734.
R
2R
2R
2R
2R
2R
2R
2R
2R
2R
V
REFH
V
OUT
V
OUT Sense
V
REFH Sense
V
REFL
V
REFL Sense
R
F
NC
NC
SDI
DGND
CLK
DGND
LDAC
DGND
LOAD
DGND
CS
DGND
SDO
DGND
RSTSEL
DGND
RST
DGND
NC
NC
DGND
DGND
V
DD
V
DD
V
OUTA Sense
V
OUTA
AGND
V
SS
V
REFL AB Sense
V
REFL AB
V
REFH AB
V
REFH AB Sense
V
OUTB Sense
V
OUTB
V
OUTC Sense
V
OUTC
V
REFH CD Sense
V
REFH CD
V
REFL CD
V
REFL CD Sense
V
OUTD Sense
V
OUTD
V
SS
V
SS
AGND
AGND
V
CC
V
CC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
DAC7734
Reset DAC Registers
Chips Select
Serial Data Out
Serial Data In
Clock
Load DAC Registers
Load
NC = No Connection
0V to +10V
0V to +10V
0V to +10V
0V to +10V
+10.000V
+10.000V
+15V
0.1
µF
1
µF
+
0.1
µF
1
µF
+5V
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com