Electronic Components Datasheet Search
  English  ▼

X  

DAC7734EB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7734EB
Description  16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7734EB Datasheet(HTML) 5 Page - Texas Instruments

  DAC7734EB Datasheet HTML 1Page - Texas Instruments DAC7734EB Datasheet HTML 2Page - Texas Instruments DAC7734EB Datasheet HTML 3Page - Texas Instruments DAC7734EB Datasheet HTML 4Page - Texas Instruments DAC7734EB Datasheet HTML 5Page - Texas Instruments DAC7734EB Datasheet HTML 6Page - Texas Instruments DAC7734EB Datasheet HTML 7Page - Texas Instruments DAC7734EB Datasheet HTML 8Page - Texas Instruments DAC7734EB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
DAC7734
5
SBAS138A
www.ti.com
Top View
SSOP
PIN CONFIGURATION
NC
NC
SDI
DGND
CLK
DGND
LDAC
DGND
LOAD
DGND
CS
DGND
SDO
DGND
RSTSEL
DGND
RST
DGND
NC
NC
DGND
DGND
V
DD
V
DD
V
OUTA Sense
V
OUTA
AGND
V
SS
V
REFL AB Sense
V
REFL AB
V
REFH AB
V
REFH AB Sense
V
OUTB Sense
V
OUTB
V
OUTC Sense
V
OUTC
V
REFH CD Sense
V
REFH CD
V
REFL CD
V
REFL CD Sense
V
OUTD Sense
V
OUTD
V
SS
V
SS
AGND
AGND
V
CC
V
CC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
DAC7734
PIN
NAME
DESCRIPTION
1
NC
No Connection
2
NC
No Connection
3
SDI
Serial Data Input
4
DGND
Digital Ground
5
CLK
Data Clock Input
6
DGND
Digital Ground
7
LDAC
DAC Register Load Control, Rising Edge
Triggered
8
DGND
Digital Ground
9
LOAD
DAC Input Register Load Control, Active Low
10
DGND
Digital Ground
11
CS
Chip Select, Active Low
12
DGND
Digital Ground
13
SDO
Serial Data Output
14
DGND
Digital Ground
15
RSTSEL
Reset Select. Determines the action of RST. If
HIGH, a RST common will set the DAC registers
to mid-scale (8000H). If LOW, a RST command
will set the DAC registers to zero (0000H).
16
DGND
Digital Ground
17
RST
Reset, Rising Edge Triggered. Depending on the
state of RSTSEL, the DAC registers are set to
either mid-scale or zero.
18
DGND
Digital Ground
19
NC
No Connection
20
NC
No Connection
21
DGND
Digital Ground
22
DGND
Digital Ground
23
VDD
Digital +5V Power Supply
24
VDD
Digital +5V Power Supply
25
VCC
Analog +15V Power Supply
26
VCC
Analog +15V Power Supply
27
AGND
Analog Ground
28
AGND
Analog Ground
29
VSS
Analog –15V Power Supply or 0V Single Supply
30
VSS
Analog –15V Power Supply or 0V Single Supply
31
VOUTD
DAC D Output Voltage
32
VOUTD Sense
DAC D’s Output Amplifier Inverting Input. Used
to close feedback loop at load.
33
VREFL CD Sense
DAC C and D Reference Low Sense Input
34
VREFL CD
DAC C and D Reference Low Input
35
VREFH CD
DAC C and D Reference High Input
36
VREFH CD Sense DAC C and D Reference High Sense Input
37
VOUTC
DAC C Output Voltage
38
VOUTC Sense
DAC C’s Output Amplifier Inverting Input. Used
to close the feedback loop at the load.
39
VOUTB
DAC B Output Voltage
40
VOUTB Sense
DAC B’s Output Amplifier Inverting Input. Used
to close the feedback loop at the load.
41
VREFH AB Sense DAC A and B Reference High Sense Input
42
VREFH AB
DAC A and B Reference High Input
43
VOUTL AB
DAC A and B Reference Low Input
44
VREFL AB Sense
DAC A and B Reference Low Sense Input
45
VSS
Analog –15V Power Supply or 0V Single Supply
46
AGND
Analog Ground
47
VOUTA
DAC A Output Voltage
48
VOUTA Sense
DAC A’s Output Amplifier Inverting Input. Used
to close the feedback loop at the load.
PIN DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com