Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 215 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DaVinci Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 215 Page - Texas Instruments

Back Button DM385 Datasheet HTML 211Page - Texas Instruments DM385 Datasheet HTML 212Page - Texas Instruments DM385 Datasheet HTML 213Page - Texas Instruments DM385 Datasheet HTML 214Page - Texas Instruments DM385 Datasheet HTML 215Page - Texas Instruments DM385 Datasheet HTML 216Page - Texas Instruments DM385 Datasheet HTML 217Page - Texas Instruments DM385 Datasheet HTML 218Page - Texas Instruments DM385 Datasheet HTML 219Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 281 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
8.12.3.2 Step 2: Length Mismatch Guidelines
8.12.3.2.1 CSI2 at 1.0 Gbps
The guidelines of the length mismatch for CSI2 at 1.0 Gbps are presented in Table 8-44. The intralane
length mismatch must be less than 0.5 mm, and the interlane length mismatch must be less than 1.5 mm.
Table 8-44. Length Mismatch Guidelines for CSI2 at 1.0 Gbps
PARAMETER
TYPICAL VALUE
UNIT
Operating speed
1000
Mbps
UI (bit time)
1000
ps
Intralane skew (UI / 300)
3
ps
Length between N and P traces
0.5
mm
Interlane skew (UI / 100)
10
ps
Length between pairs
1.5
mm
8.12.3.2.2 CSI2 at 824 Mbps
The guidelines of the length mismatch for CSI2 at 824 Mbps are presented in Table 8-45. The intralane
length mismatch must be less than 0.6 mm, and the interlane length mismatch must be less than 1.8 mm.
Table 8-45. Length Mismatch Guidelines for CSI2 at 824 Mbps
PARAMETER
TYPICAL VALUE
UNIT
Operating speed
824
Mbps
UI (bit time)
1213
ps
Intralane skew (UI / 300)
4
ps
Length between N and P traces
0.6
mm
Interlane skew (UI / 100)
12
ps
Length between pairs
1.8
mm
8.12.3.2.3 CSI2 at 800 Mbps
The guidelines of the length mismatch for CSI2 at 800 Mbps are presented in Table 8-46. The intralane
length mismatch must be less than 0.6 mm, and the interlane length mismatch must be less than 1.8 mm.
Table 8-46. Length Mismatch Guidelines for CSI2 at 800 Mbps
PARAMETER
TYPICAL VALUE
UNIT
Operating speed
800
Mbps
UI (bit time)
1250
ps
Intralane skew (UI / 300)
4
ps
Length between N and P traces
0.6
mm
Interlane skew (UI / 100)
12
ps
Length between pairs
1.8
mm
Copyright © 2013, Texas Instruments Incorporated
Peripheral Information and Timings
215
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com