Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DaVinci Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 88 Page - Texas Instruments

Back Button DM385 Datasheet HTML 84Page - Texas Instruments DM385 Datasheet HTML 85Page - Texas Instruments DM385 Datasheet HTML 86Page - Texas Instruments DM385 Datasheet HTML 87Page - Texas Instruments DM385 Datasheet HTML 88Page - Texas Instruments DM385 Datasheet HTML 89Page - Texas Instruments DM385 Datasheet HTML 90Page - Texas Instruments DM385 Datasheet HTML 91Page - Texas Instruments DM385 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 281 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
3.3.18 SD Signals (MMC/SD/SDIO)
3.3.18.1 SD0
Table 3-38. SD0 Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
SD0_CLK
SD0 Clock output
O
AB30
SD0_CMD
SD0 Command output
O
AA29
SD0_DAT[0]
SD0 Data0 I/O. Functions as data bit 0 for 4-/8-bit SD
I/O
AA28
mode and single data bit for 1-bit SD mode.
SD0_DAT[3]
SD0 Data3 I/O. Functions as data bit 3 for 4-/8-bit SD
I/O
Y30
mode.
SD0_DAT[4]
SD0 Data4 I/O. Functions as data bit 4 for 8-bit SD
I/O
Y22
mode.
SD0_DAT[5]
SD0 Data5 I/O. Functions as data bit 5 for 8-bit SD
I/O
Y21
mode.
SD0_DAT[6]
SD0 Data6 I/O. Functions as data bit 6 for 8-bit SD
I/O
AB31
mode.
SD0_DAT[7]
SD0 Data7 I/O. Functions as data bit 7 for 8-bit SD
I/O
AC30
mode.
SD0_DAT[1]_SDIRQ
SD0 Data1 I/O. Functions as data bit 1 for 4-/8-bit SD
I/O
AA26
mode and as an IRQ input for 1-bit SD mode.
SD0_DAT[2]_SDRW
SD0 Data2 I/O. Functions as data bit 2 for 4-/8-bit SD
I/O
Y31
mode and as a Read Wait input for 1-bit SD mode.
SD0_SDCD
SD0 Card Detect input
I
D30
3.3.18.2 SD1
Table 3-39. SD1Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
SD1_CLK
SD1 Clock output
O
W30
SD1_CMD
SD1 Command output
O
AA29, Y29
SD1_DAT[0]
SD1 Data0 I/O. Functions as data bit 0 for 4-/8-bit SD
I/O
W31
mode and single data bit for 1-bit SD mode.
SD1_DAT[3]
SD1 Data3 I/O. Functions as data bit 3 for 4-/8-bit SD
I/O
Y27
mode.
SD1_DAT[4]
SD1 Data4 I/O. Functions as data bit 4 for 8-bit SD
I/O
AA28
mode.
SD1_DAT[5]
SD1 Data5 I/O. Functions as data bit 5 for 8-bit SD
I/O
AA26
mode.
SD1_DAT[6]
SD1 Data6 I/O. Functions as data bit 6 for 8-bit SD
I/O
Y31
mode.
SD1_DAT[7]
SD1 Data7 I/O. Functions as data bit 7 for 8-bit SD
I/O
Y30
mode.
SD1_DAT[1]_SDIRQ
SD1 Data1 I/O. Functions as data bit 1 for 4-/8-bit SD
I/O
AA30
mode and as an IRQ input for 1-bit SD mode.
SD1_DAT[2]_SDRW
SD1 Data2 I/O. Functions as data bit 2 for 4-/8-bit SD
I/O
U29
mode and as a Read Wait input for 1-bit SD mode.
SD1_POW
SD1 Card Power Enable output
O
E31
SD1_SDCD
SD1 Card Detect input
I
G28
SD1_SDWP
SD1 Card Write Protect input
I
E29
88
Device Pins
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com