Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DaVinci Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 93 Page - Texas Instruments

Back Button DM385 Datasheet HTML 89Page - Texas Instruments DM385 Datasheet HTML 90Page - Texas Instruments DM385 Datasheet HTML 91Page - Texas Instruments DM385 Datasheet HTML 92Page - Texas Instruments DM385 Datasheet HTML 93Page - Texas Instruments DM385 Datasheet HTML 94Page - Texas Instruments DM385 Datasheet HTML 95Page - Texas Instruments DM385 Datasheet HTML 96Page - Texas Instruments DM385 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 281 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 3-45. Supply Voltages Terminal Functions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
VDDA_CSI2_1P8
1.8 V Analog Power Supply for CSI2. For proper device
PWR
W10
operation, this pin must always be connected to a 1.8-V
Power Supply, even if the CSI2 is not being used.
VDDA_DDRPLL_1P8
1.8 V Analog Power Supply for PLL_DDR
PWR
AA19
VDDA_HDDACREF_1P8
1.8 V Reference Power Supply for HDDAC. For proper
PWR
L15
device operation, this pin must always be connected to a
1.8-V Power Supply, even if the HDDAC is not being
used.
VDDA_HDDAC_1P1
1.1 V Power Supply for HD-DAC Digital Logic. For proper
PWR
K16
device operation, this pin must always be connected to a
1.1-V Power Supply, or if the HD-DAC is not being used
it can be connected to a power supply in the range of
0.9–1.35 V (same level as other core voltages).
VDDA_HDDAC_1P8
1.8 V Power Supply for HDDAC Analog Circuit. For
PWR
L14
proper device operation, this pin must always be
connected to a 1.8-V Power Supply, even if the HDDAC
is not being used.
VDDA_HDMI_1P8
1.8 V Analog Power Supply for HDMI. For proper device
PWR
K14
operation, this pin must always be connected to a 1.8-V
Power Supply, even if the HDMI is not being used.
VDDA_HDVICPPLL_1P8
1.8 V Analog Power Supply for PLL_HDVICP. For proper
PWR
T23
device operation, this pin must always be connected to a
1.8-V Power Supply, even if the HDVICP2 is not being
used.
VDDA_L3L4PLL_1P8
1.8 V Analog Power Supply for PLL_L3L4
PWR
W11
VDDA_PCIE_1P8
1.8 V Analog Power Supply for PCIe. For proper device
PWR
M26
operation, this pin must always be connected to a 1.8-V
Power Supply, even if the PCIe is not being used.
VDDA_USB0_1P8
1.8 V Analog Power Supply for USB0. For proper device
PWR
K19
operation, this pin must always be connected to a 1.8-V
Power Supply, even if the USB0 is not being used.
VDDA_USB1_1P8
1.8 V Analog Power Supply for USB1 .For proper device
PWR
J17
operation, this pin must always be connected to a 1.8-V
Power Supply, even if the USB1 is not being used.
VDDA_USB_3P3
3.3 V Analog Power Supply for USB0 and USB1. For
PWR
M19, M20
proper device operation, this pin must always be
connected to a 3.3-V Power Supply, even if USB0 and
USB1 are not being used.
VDDA_VDAC_1P8
1.8 V Reference Power Supply for VDAC. For proper
PWR
J14
device operation, this pin must always be connected to a
1.8-V Power Supply, even if the VDAC is not being used.
VDDA_VIDPLL_1P8
1.8 V Analog Power Supply for PLL_VIDEO0 and
PWR
L13
PLL_VIDEO1. For proper device operation, this pin must
always be connected to a 1.8-V Power Supply.
VDDS_OSC0_1P8
Oscillator0 IO secondary supply and LJCB LDO supply
PWR
P21
VDDS_OSC1_1P8
Oscillator1 IO secondary power supply
PWR
P20
VREFSSTL_DDR[0]
Reference Power Supply DDR[0]
PWR
AL18
Copyright © 2013, Texas Instruments Incorporated
Device Pins
93
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com