Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DaVinci Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 59 Page - Texas Instruments

Back Button DM385 Datasheet HTML 55Page - Texas Instruments DM385 Datasheet HTML 56Page - Texas Instruments DM385 Datasheet HTML 57Page - Texas Instruments DM385 Datasheet HTML 58Page - Texas Instruments DM385 Datasheet HTML 59Page - Texas Instruments DM385 Datasheet HTML 60Page - Texas Instruments DM385 Datasheet HTML 61Page - Texas Instruments DM385 Datasheet HTML 62Page - Texas Instruments DM385 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 281 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 3-11. Ball Characteristics (AAR Package) (continued)
BALL
PINCNTL
PINCNTL
BALL
MODE
RESET
BUFFER
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
REGISTER NAME
DEFAULT
TYPE [7] DSIS [8]
RESET
POWER [11]
HYS [12]
[6]
REL.
TYPE [13]
AND ADDRESS[4]
VALUE[5]
STATE [9]
STATE [10]
J10
VOUT[1]_FLD
VOUT[1]_FLD
PINCNTL174 /
0x0004 0000
0x01
O
PIN
L
L
DVDD_C
0x4814 0AB4
CAM_FLD
0x02
I/O
0
CAM_WE
0x04
I
0
GPMC_A[11]
0x10
O
PIN
UART2_CTS
0x20
I/O
1
GP0[28]
0x80
I/O
PIN
B2
VOUT[1]_G_Y_YC[0]
VOUT[1]_G_Y_YC[0]
PINCNTL169 /
0x0004 0000
0x01
O
PIN
L
L
DVDD_C
0x4814 0AA0
CAM_D[2]
0x02
I
PIN
GPMC_A[6]
0x10
O
PIN
GP0[23]
0x80
I/O
PIN
A2
VOUT[1]_G_Y_YC[1]
VOUT[1]_G_Y_YC[1]
PINCNTL168 /
0x0006 0000
0x01
O
PIN
H
H
DVDD_C
0x4814 0A9C
CAM_D[3]
0x02
I
PIN
GPMC_A[5]
0x10
O
PIN
GP0[22]
0x80
I/O
PIN
L2
VOUT[1]_G_Y_YC[2]
VOUT[1]_G_Y_YC[2]
PINCNTL228 /
0x0006 0000
0x01
O
PIN
H
H
DVDD
0x4814 0B8C
GPMC_A[13]
0x02
O
PIN
VIN[1]A_D[21]
0x04
I
PIN
HDMI_SCL
0x10
I/O
1
SPI[2]_SCS[2]
0x20
I/O
1
I2C[2]_SCL
0x40
I/O
1
GP3[20]
0x80
I/O
PIN
H6
VOUT[1]_G_Y_YC[3]
VOUT[1]_G_Y_YC[3]
PINCNTL215 /
0x0004 0000
0x01
O
PIN
L
L
DVDD
0x4814 0B58
EMAC[1]_MRXD[6]
0x02
I
PIN
VIN[1]A_D[8]
0x04
I
PIN
GP3[7]
0x80
I/O
PIN
J8
VOUT[1]_G_Y_YC[4]
VOUT[1]_G_Y_YC[4]
PINCNTL216 /
0x0004 0000
0x01
O
PIN
L
L
DVDD
0x4814 0B5C
EMAC[1]_MRXD[7]
0x02
I
PIN
VIN[1]A_D[9]
0x04
I
PIN
GP3[8]
0x80
I/O
PIN
J1
VOUT[1]_G_Y_YC[5]
VOUT[1]_G_Y_YC[5]
PINCNTL217 /
0x0004 0000
0x01
O
PIN
L
L
DVDD
0x4814 0B60
EMAC[1]_MRXDV
0x02
I
0
VIN[1]A_D[10]
0x04
I
PIN
GP3[9]
0x80
I/O
PIN
H4
VOUT[1]_G_Y_YC[6]
VOUT[1]_G_Y_YC[6]
PINCNTL218 /
0x0004 0000
0x01
O
PIN
L
L
DVDD
0x4814 0B64
EMAC[1]_GMTCLK
0x02
O
PIN
VIN[1]A_D[11]
0x04
I
PIN
GP3[10]
0x80
I/O
PIN
Copyright © 2013, Texas Instruments Incorporated
Device Pins
59
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com