Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DaVinci Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 96 Page - Texas Instruments

Back Button DM385 Datasheet HTML 92Page - Texas Instruments DM385 Datasheet HTML 93Page - Texas Instruments DM385 Datasheet HTML 94Page - Texas Instruments DM385 Datasheet HTML 95Page - Texas Instruments DM385 Datasheet HTML 96Page - Texas Instruments DM385 Datasheet HTML 97Page - Texas Instruments DM385 Datasheet HTML 98Page - Texas Instruments DM385 Datasheet HTML 99Page - Texas Instruments DM385 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 281 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
3.3.23 USB
3.3.23.1 USB0
Table 3-50. USB0 Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
USB0_CE
USB0 charger enable. When the USB0 PHY is powered
O
B20
down, this pin should be left unconnected.
USB0_DM
USB0 bidirectional data differential signal pair
I/O
B21
[plus/minus]. When the USB0 PHY is powered down, this
pin should be left unconnected.
USB0_DP
USB0 bidirectional data differential signal pair
I/O
A21
[plus/minus]. When the USB0 PHY is powered down, this
pin should be left unconnected.
USB0_DRVVBUS
USB0 Contoller VBUS Control ouput. When this pin is
O
K23
used as USB0_DRVVBUS and the USB0 Controller is
operating as a Host, this signal is used by the USB0
Controller to enable the external VBUS charge pump.
When the USB0 PHY is powered down, this pin should
be left unconnected.
USB0_ID
USB0 identification input. When the USB0 PHY is
I
A20
powered down, this pin should be left unconnected.
USB0_VBUSIN
5-V USB0 VBUS comparator input. This analog input pin
I
B22
senses the level of the USB VBUS voltage and should
connect directly to the USB VBUS voltage. When the
USB0 PHY is powered down, this pin should be left
unconnected.
3.3.23.2 USB1
Table 3-51. USB1 Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
USB1_CE
USB1 charger enable. When the USB1 PHY is powered
O
C21
down, this pin should be left unconnected.
USB1_DM
USB1 bidirectional data differential signal pair
I/O
B23
[plus/minus]. When the USB1 PHY is powered down, this
pin should be left unconnected.
USB1_DP
USB1 bidirectional data differential signal pair
I/O
A23
[plus/minus]. When the USB1 PHY is powered down, this
pin should be left unconnected.
USB1_DRVVBUS
USB1 Contoller VBUS Control ouput. When this pin is
O
AF31
used as USB1_DRVVBUS and the USB1 Controller is
operating as a Host, this signal is used by the USB1
Controller to enable the external VBUS charge pump.
When the USB1 PHY is powered down, this pin should
be left unconnected.
USB1_ID
USB1 identification input. When the USB1 PHY is
I
A24
powered down, this pin should be left unconnected.
USB1_VBUSIN
5-V USB1 VBUS comparator input. This analog input pin
I
B24
senses the level of the USB VBUS voltage and should
connect directly to the USB VBUS voltage. When the
USB1 PHY is powered down, this pin should be left
unconnected.
96
Device Pins
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com