Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 106 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DaVinci Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 106 Page - Texas Instruments

Back Button DM385 Datasheet HTML 102Page - Texas Instruments DM385 Datasheet HTML 103Page - Texas Instruments DM385 Datasheet HTML 104Page - Texas Instruments DM385 Datasheet HTML 105Page - Texas Instruments DM385 Datasheet HTML 106Page - Texas Instruments DM385 Datasheet HTML 107Page - Texas Instruments DM385 Datasheet HTML 108Page - Texas Instruments DM385 Datasheet HTML 109Page - Texas Instruments DM385 Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 281 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
Table 3-56. Video Output 1 (Digital) Terminal Functions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
VOUT[1]_G_Y_YC[6]
Video Output Data. These signals represent the 8 MSBs
O
H4
of G/Y/YC video data. For RGB mode they are green
data bits, for YUV444 mode they are Y data bits, for Y/C
mode they are Y (Luma) data bits and for BT.656 mode
they are multiplexed Y/Cb/Cr (Luma and Chroma) data
bits.
VOUT[1]_G_Y_YC[7]
Video Output Data. These signals represent the 8 MSBs
O
J9
of G/Y/YC video data. For RGB mode they are green
data bits, for YUV444 mode they are Y data bits, for Y/C
mode they are Y (Luma) data bits and for BT.656 mode
they are multiplexed Y/Cb/Cr (Luma and Chroma) data
bits.
VOUT[1]_G_Y_YC[8]
Video Output Data. These signals represent the 8 MSBs
O
L3
of G/Y/YC video data. For RGB mode they are green
data bits, for YUV444 mode they are Y data bits, for Y/C
mode they are Y (Luma) data bits and for BT.656 mode
they are multiplexed Y/Cb/Cr (Luma and Chroma) data
bits.
VOUT[1]_G_Y_YC[9]
Video Output Data. These signals represent the 8 MSBs
O
K1
of G/Y/YC video data. For RGB mode they are green
data bits, for YUV444 mode they are Y data bits, for Y/C
mode they are Y (Luma) data bits and for BT.656 mode
they are multiplexed Y/Cb/Cr (Luma and Chroma) data
bits.
VOUT[1]_HSYNC
Video Output Horizontal Sync output. This is the discrete
O
E2
horizontal synchronization output. This signal is not used
for embedded sync modes.
VOUT[1]_R_CR[0]
Video Output Data. These signals represent the 2 LSBs
O
C2
of R/Cr video data for 30-bit video modes. For RGB
mode they are red data bits, for YUV444 mode they are
Cr (Chroma) data bits, for Y/C mode and BT.656 modes
they are unused. These signals are not used in 24-bit
mode.
VOUT[1]_R_CR[1]
Video Output Data. These signals represent the 2 LSBs
O
C1
of R/Cr video data for 30-bit video modes. For RGB
mode they are red data bits, for YUV444 mode they are
Cr (Chroma) data bits, for Y/C mode and BT.656 modes
they are unused. These signals are not used in 24-bit
mode.
VOUT[1]_R_CR[2]
Video Output Data. These signals represent the 8 MSBs
O
L6
of R/Cr video data. For RGB mode they are red data bits,
for YUV444 mode they are Cr (Chroma) data bits, for Y/C
mode and BT.656 modes they are unused.
VOUT[1]_R_CR[3]
Video Output Data. These signals represent the 8 MSBs
O
L4
of R/Cr video data. For RGB mode they are red data bits,
for YUV444 mode they are Cr (Chroma) data bits, for Y/C
mode and BT.656 modes they are unused.
VOUT[1]_R_CR[4]
Video Output Data. These signals represent the 8 MSBs
O
H2
of R/Cr video data. For RGB mode they are red data bits,
for YUV444 mode they are Cr (Chroma) data bits, for Y/C
mode and BT.656 modes they are unused.
VOUT[1]_R_CR[5]
Video Output Data. These signals represent the 8 MSBs
O
M11
of R/Cr video data. For RGB mode they are red data bits,
for YUV444 mode they are Cr (Chroma) data bits, for Y/C
mode and BT.656 modes they are unused.
VOUT[1]_R_CR[6]
Video Output Data. These signals represent the 8 MSBs
O
L12
of R/Cr video data. For RGB mode they are red data bits,
for YUV444 mode they are Cr (Chroma) data bits, for Y/C
mode and BT.656 modes they are unused.
VOUT[1]_R_CR[7]
Video Output Data. These signals represent the 8 MSBs
O
M10
of R/Cr video data. For RGB mode they are red data bits,
for YUV444 mode they are Cr (Chroma) data bits, for Y/C
mode and BT.656 modes they are unused.
106
Device Pins
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com