Electronic Components Datasheet Search
  English  ▼

X  

OPA820 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA820
Description  12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA820 Datasheet HTML 6Page - Texas Instruments OPA820 Datasheet HTML 7Page - Texas Instruments OPA820 Datasheet HTML 8Page - Texas Instruments OPA820 Datasheet HTML 9Page - Texas Instruments OPA820 Datasheet HTML 10Page - Texas Instruments OPA820 Datasheet HTML 11Page - Texas Instruments OPA820 Datasheet HTML 12Page - Texas Instruments OPA820 Datasheet HTML 13Page - Texas Instruments OPA820 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.ti.com
Theory of Operation
R
R
R
R
2R
2R
2R
2R
DB0
(LSB)
DB9
DB10
DB11
(MSB)
I
1
OUT
R
FB
V
REF
I
2
OUT
R
V
OUT
+ *VREF
CODE
4096
(1)
OPA277
DAC7811
15V
V+
V
-
-
15V
GND
I
1
OUT
R
FB
V
REF
V
DD
V
DD
V
OUT
I
2
OUT
DAC7811
SBAS337C – APRIL 2005 – REVISED JULY 2007
The DAC7811 is a single channel, current output, 12-bit digital-to-analog converter (DAC). The architecture,
illustrated in Figure 25, is an R-2R ladder configuration with the three MSBs segmented. Each 2R leg of the
ladder is either switched to IOUT1 or the IOUT2 terminal. The IOUT1 terminal of the DAC is held at a virtual GND
potential by the use of an external I/V converter op amp. The R-2R ladder is connected to an external reference
input VREF that determines the DAC full-scale current. The R-2R ladder presents a code independent load
impedance to the external reference of 10k
Ω ±20%. The external reference voltage can vary over a range of
–15V to +15V, thus providing bipolar IOUT current operation. By using an external I/V converter and the
DAC7811 RFB resistor, output voltage ranges of –VREF to VREF can be generated.
Figure 25. Equivalent R-2R DAC Circuit
When using an external I/V converter and the DAC7811 RFB resistor, the DAC output voltage is given by
Equation 1:
Each DAC code determines the 2R leg switch position to either GND or IOUT. Because the DAC output
impedance as seen looking into the IOUT1 terminal changes versus code, the external I/V converter noise gain
will also change. Because of this, the external I/V converter op amp must have a sufficiently low offset voltage
such that the amplifier offset is not modulated by the DAC IOUT1 terminal impedance change. External op amps
with large offset voltages can produce INL errors in the transfer function of the DAC7811 due to offset
modulation versus DAC code.
For best linearity performance of the DAC7811, a low offset voltage op amp (such as the OPA277) is
recommended (see Figure 26). This circuit allows VREF swinging from –10V to +10V.
Figure 26. Voltage Output Configuration
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com