Electronic Components Datasheet Search
  English  ▼

X  

OPA820 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA820
Description  12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA820 Datasheet HTML 12Page - Texas Instruments OPA820 Datasheet HTML 13Page - Texas Instruments OPA820 Datasheet HTML 14Page - Texas Instruments OPA820 Datasheet HTML 15Page - Texas Instruments OPA820 Datasheet HTML 16Page - Texas Instruments OPA820 Datasheet HTML 17Page - Texas Instruments OPA820 Datasheet HTML 18Page - Texas Instruments OPA820 Datasheet HTML 19Page - Texas Instruments OPA820 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
www.ti.com
Positive Voltage Output Circuit
V
OUT
R
FB
C
1
0
V
+2.5V
£
£
OUT
GND
GND
-2.5V
V
OUT
V
IN
V
REF
+2.5VReference
V
DD
V
DD
DAC7811
OPA277
OPA277
I
2
OUT
I
1
OUT
Bipolar Output Section
V
OUT
+
D
0.5
2N *
1
V
REF
(2)
I
1
OUT
R
FB
C
1
GND
V
DD
V
DD
+2.5V
(+10V)
V
REF
V
OUT
C
2
U3
OPA277
10kW
10kW
5kW
-
£
£
2.5V
V
OUT
+2.5V
(-
£
10V
V
OUT £ +10V)
U2
OPA277
DAC7811
I
2
OUT
DAC7811
SBAS337C – APRIL 2005 – REVISED JULY 2007
As Figure 30 illustrates, in order to generate a positive voltage output, a negative reference is input to the
DAC7811. This design is suggested instead of using an inverting amp to invert the output as a result of resistor
tolerance errors. For a negative reference, VOUT and GND of the reference are level-shifted to a virtual ground
and a –2.5V input to the DAC7811 with an op amp.
Figure 30. Positive Voltage Output Circuit
The DAC7811, as a 2-quadrant multiplying DAC, can be used to generate a unipolar output. The polarity of the
full-scale output IOUT is the inverse of the input reference voltage at VREF.
Some applications require full 4-quadrant multiplying capabilities or bipolar output swing. As shown in Figure 31,
external op amp U3 is added as a summing amp and has a gain of 2X that widens the output span to 5V. A
4-quadrant multiplying circuit is implemented by using a 2.5V offset of the reference voltage to bias U3.
According to the circuit transfer equation given in Equation 2, input data (D) from code 0 to full-scale produces
output voltages of VOUT = –2.5V to VOUT = +2.5V.
External resistance mismatching is the significant error in Figure 31.
Figure 31. Bipolar Output Circuit
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com