Electronic Components Datasheet Search
  English  ▼

X  

AD5253 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5253
Description  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5253 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5253 Datasheet HTML 3Page - Analog Devices AD5253 Datasheet HTML 4Page - Analog Devices AD5253 Datasheet HTML 5Page - Analog Devices AD5253 Datasheet HTML 6Page - Analog Devices AD5253 Datasheet HTML 7Page - Analog Devices AD5253 Datasheet HTML 8Page - Analog Devices AD5253 Datasheet HTML 9Page - Analog Devices AD5253 Datasheet HTML 10Page - Analog Devices AD5253 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD5253/AD5254
Rev. 0 | Page 7 of 28
INTERFACE TIMING CHARACTERISTICS (ALL PARTS)
Guaranteed by design, not subject to production test. See Figure 23 for location of measured values. All input control voltages are specified
with tR = tF = 2.5 ns (10% to 90% of 3 V) and timed from a voltage level of 1.5 V. Switching characteristics are measured using both
VDD = 3 V and 5 V. When the part is not in operation, the SDA and SCL pins should be pulled high. When these pins are pulled low, the
I2C interface at these pins conducts current of about 0.8 mA at VDD = 5.5 V and 0.2 mA at VDD = 2.7 V.
Table 3.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
SCL Clock Frequency
fSCL
400
kHz
tBUF Bus Free Time between STOP and START
t1
1.3
µs
tHD;STA Hold Time (Repeated START)
t2
After this period, the first clock pulse is
generated
0.6
µs
tLOW Low Period of SCL Clock
t3
1.3
µs
tHIGH High Period of SCL Clock
t4
0.6
µs
tSU;STA Setup Time for START Condition
t5
0.6
µs
tHD;DAT Data Hold Time
t6
0
0.9
µs
tSU;DAT Data Setup Time
t7
100
ns
tF Fall Time of Both SDA and SCL Signals
t8
300
ns
tR Rise Time of Both SDA and SCL Signals
t9
300
ns
tSU;STO Setup Time for STOP Condition
t10
0.6
µs
EEMEM Data Storing Time
tEEMEM_STORE
26
ms
EEMEM Data Restoring Time at Power On9
tEEMEM_RESTORE1
VDD rise time dependent. Measure without
decoupling capacitors at VDD and VSS.
300
µs
EEMEM Data Restoring Time upon Restore
Command or RESET Operation9
tEEMEM_RESTORE2
VDD = 5 V
300
µs
EEMEM Data Rewritable Time10
tEEMEM_REWRITE
540
µs
FLASH/EE MEMORY RELIABILITY
Endurance11
100
kCycles
Data Retention12
100
Years
1 Typical values represent average readings at 25°C and VDD = 5 V.
2 Resistor position nonlinearity error (R-INL) is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic, except R-DNL of AD5254 1 kΩ
version at VDD = 2.7V, IW = VDD/R for both VDD = 3 V or VDD = 5 V.
3 INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output D/A converter. VA = VDD and VB = 0 V. DNL
specification limits of ±1 LSB maximum are guaranteed monotonic operating conditions.
4 Resistor terminals A, B, and W have no limitations on polarity with respect to each other.
5 Guaranteed by design and not subject to production test.
6 cmd 0 NOP should be activated after cmd 1 in order to minimize IDD_RESTORE current consumption.
7 PDISS is calculated from (IDD × VDD = 5 V).
8 All dynamic characteristics use VDD = 5 V.
9 During power-up, all outputs preset to midscale before restoring EEMEM contents. RDAC0 has the shortest whereas RDAC3 has the longest EEMEM restore time.
10 Delay time after power-on or RESET before new EEMEM data to be written.
11 Endurance is qualified to 100,000 cycles per JEDEC Std. 22 method A117, and is measured at –40°C, +25°C, and +85°C; typical endurance at +25°C is 700,000 cycles.
12 Retention lifetime equivalent at junction temperature (TJ) = 55°C per JEDEC Std. 22, Method A117. Retention lifetime based on an activation energy of 0.6eV derates
with junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com