Electronic Components Datasheet Search
  English  ▼

X  

AD5253 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5253
Description  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5253 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5253 Datasheet HTML 7Page - Analog Devices AD5253 Datasheet HTML 8Page - Analog Devices AD5253 Datasheet HTML 9Page - Analog Devices AD5253 Datasheet HTML 10Page - Analog Devices AD5253 Datasheet HTML 11Page - Analog Devices AD5253 Datasheet HTML 12Page - Analog Devices AD5253 Datasheet HTML 13Page - Analog Devices AD5253 Datasheet HTML 14Page - Analog Devices AD5253 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD5253/AD5254
Rev. 0 | Page 11 of 28
VBIAS (V)
20
0
40
60
80
100
120
140
160
200
240
180
220
1
0
23456
VDD = 2.7V
TA = 25°C
VDD = 5.5V
TA = 25°C
DATA = 0x00
Figure 9. Wiper Resistance vs. VBIAS
TEMPERATURE (
°C)
–6
–4
–2
0
2
4
6
–40
–20
0
20
40
60
80
100
120
Figure 10. Change of RAB vs. Temperature
CODE (Decimal)
0
50
60
70
20
10
30
40
80
90
0
32
64
96
128
160
192
224
256
VDD = 5V
TA = –40°C/+85°C
VA = VDD
VB = 0V
Figure 11. Rheostat Mode Tempco (∆RWB/RWB)/∆T × 106 vs. Code
CODE (Decimal)
0
20
25
10
5
15
30
0
32
64
96
128
160
192
224
256
VDD = 5V
TA = –40°C/+85°C
VA = VDD
VB = 0V
Figure 12. Potentiometer Mode Tempco (∆VWB/VWB)/∆T × 106 vs. Code
–60
–48
–24
–12
0
–36
–54
–30
–18
–6
–42
1k
10k
10
100
100k
1M
10M
FREQUENCY (Hz)
0xFF
0x80
0x40
0x20
0x10
0x08
0x04
0x02
0x01
0x00
Figure 13. Gain vs. Frequency vs. Code, RAB = 1 kΩ, TA = 25°C
–60
–48
–24
–12
0
–36
–54
–30
–18
–6
–42
1k
10k
10
100
100k
1M
10M
FREQUENCY (Hz)
0xFF
0x80
0x40
0x20
0x10
0x08
0x04
0x02
0x01
0x00
Figure 14. Gain vs. Frequency vs. Code, RAB = 10 kΩ, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com