Electronic Components Datasheet Search
  English  ▼

X  

AD5253 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5253
Description  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5253 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5253 Datasheet HTML 20Page - Analog Devices AD5253 Datasheet HTML 21Page - Analog Devices AD5253 Datasheet HTML 22Page - Analog Devices AD5253 Datasheet HTML 23Page - Analog Devices AD5253 Datasheet HTML 24Page - Analog Devices AD5253 Datasheet HTML 25Page - Analog Devices AD5253 Datasheet HTML 26Page - Analog Devices AD5253 Datasheet HTML 27Page - Analog Devices AD5253 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD5253/AD5254
Rev. 0 | Page 24 of 28
For example, the RWB values shown in Table 13 can be found on
AD5253 10 kΩ parts.
Table 13. RWB vs. Codes; RAB = 10 kΩ, A terminal = Open
D (DEC)
RWB (Ω)
Output State
63
9918
Full Scale
32
5075
Midscale
1
231
1 LSB
0
75
Zero Scale (Wiper Resistance)
Note that in the zero-scale condition, a 75 Ω finite wiper
resistance is present. Care should be taken to limit the current
conduction between W and B in this state to no more than
±5 mA continuous for a total resistance of 1 kΩ, or a ±20 mA
pulse, to avoid degradation or possible destruction of the
internal switch contact.
Similar to the mechanical potentiometer, the resistance of the
RDAC between wiper W and terminal A also produces a
digitally controlled complementary resistance, RWA. When these
terminals are used, the B terminal can be opened. Setting the
resistance value for RWA starts at a maximum value of resistance
and decreases as the data loaded in the latch increases in value
(see Figure 41). The general equation for this operation is
RWA(D) = [(64 – D)/64] × RAB + 75 Ω (AD5253)
(3)
RWA(D) = [(256 – D)/256] × RAB + 75 Ω (AD5254)
(4)
Table 14. RWA vs. Codes; AD5253, RAB = 10 kΩ,
B terminal = Open
D (DEC)
RWA (Ω)
Output State
63
231
Full-Scale
32
5075
Midscale
1
9918
1 LSB
0
10075
Zero-Scale
The typical distribution of RAB from channel-to-channel
matches is about ±0.15% within a given device. On the other
hand, device-to-device matching is process lot dependent with a
±20% tolerance.
PROGRAMMABLE POTENTIOMETER OPERATION
If all three terminals are used, the operation is called potenti-
ometer mode and the most common configuration is the
voltage divider operation (see Figure 44).
A
B
W
VI
VC
Figure 44. Potentiometer Mode Configuration
If the wiper resistance is ignored, the transfer function is simply
B
AB
W
V
V
D
V
+
×
=
64
(AD5253)
(5)
B
AB
W
V
V
D
V
+
×
=
256
(AD5254)
(6)
A more accurate calculation, which includes the wiper
resistance effect, yields
A
W
AB
W
AB
N
W
V
R
R
R
R
D
D
V
2
2
)
(
+
+
=
(7)
Where 2N is the number of steps. Unlike in rheostat mode
operation where the tolerance is high, potentiometer mode
operation yields an almost ratiometric function of D/2N with a
relatively small error contributed by the RW terms. Therefore,
the tolerance effect is almost cancelled. Similarly, the ratiometric
adjustment also reduces the temperature coefficient effect to
50 ppm/°C, except at low value codes where RW dominates.
Potentiometer mode operations include other applications such
as op amp input, feedback resistor networks, and other voltage
scaling applications. The A, W, and B terminals can in fact be
input or output terminals, provided |VA|, |VW|, and |VB| do not
exceed VDD-to-VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com