Electronic Components Datasheet Search
  English  ▼

X  

AD5253 Datasheet(PDF) 25 Page - Analog Devices

Part # AD5253
Description  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5253 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5253 Datasheet HTML 20Page - Analog Devices AD5253 Datasheet HTML 21Page - Analog Devices AD5253 Datasheet HTML 22Page - Analog Devices AD5253 Datasheet HTML 23Page - Analog Devices AD5253 Datasheet HTML 24Page - Analog Devices AD5253 Datasheet HTML 25Page - Analog Devices AD5253 Datasheet HTML 26Page - Analog Devices AD5253 Datasheet HTML 27Page - Analog Devices AD5253 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD5253/AD5254
Rev. 0 | Page 25 of 28
APPLICATIONS
RGB LED LCD BACKLIGHT CONTROLLER
High power (>1 W) RGB LEDs have been improved so
dramatically in efficiency and cost that they are likely to replace
CCFLs (cold cathode florescent lamps) as backlighting sources
in high end LCD panels in the near future. Unlike conventional
LEDs, high power LEDs have a forward voltage of 2 V to 4 V,
and consume more than 350 mA at maximum brightness. The
LED brightness is a linear function of the conduction current
but not the forward voltage. To increase brightness of a given
color, multiple LEDs can be connected in series, rather than in
parallel, to achieve uniform brightness. For example, three red
LEDs configured in series require an average of 6 V to 12 V
voltage headroom, but the circuit operation requires current
control. As a result, Figure 45 shows the implementation of one
high power RGB LED controller using a digital potentiometer
AD5254, a boost regulator, an op amp, and power MOSFETs.
The ADP1610 (U2 in Figure 45) is an adjustable boost regulator
with its output adjusted by the AD5254’s RDAC3. Such an
output should be set high enough for proper operation but low
enough to conserve power. The ADP1610’s 1.2 V band gap
reference is buffered to provide the reference level for the
voltage dividers set by the AD5254’s RDAC0 to RDAC2 and
resistors R2 to R4. For example, by adjusting the AD5254’s
RDAC0, the desirable voltage appears across the sense resistors,
RR. If U2’s output is set properly, op amp U3A and power
MOSFET N1 do whatever is necessary to regulate the current of
the loop. As a result, the current through the sense resistor and
the red LEDs is
R
RR
R
R
V
I =
(8)
R8 is needed to prevent oscillation.
In addition to the 256 levels of adjustable current/brightness,
users may also apply a PWM signal at U3’s SD pin to achieve
finer brightness resolution or better power efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com