Electronic Components Datasheet Search
  English  ▼

X  

AD7908 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7908
Description  8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7908 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7908 Datasheet HTML 8Page - Analog Devices AD7908 Datasheet HTML 9Page - Analog Devices AD7908 Datasheet HTML 10Page - Analog Devices AD7908 Datasheet HTML 11Page - Analog Devices AD7908 Datasheet HTML 12Page - Analog Devices AD7908 Datasheet HTML 13Page - Analog Devices AD7908 Datasheet HTML 14Page - Analog Devices AD7908 Datasheet HTML 15Page - Analog Devices AD7908 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD7908/AD7918/AD7928–Typical Performance Characteristics
REV. A
PERFORMANCE CURVES
TPC 1 shows a typical FFT plot for the AD7928 at 1 MSPS
sample rate and 50 kHz input frequency. TPC 2 shows the
signal-to-(noise + distortion) ratio performance versus input
frequency for various supply voltages while sampling at 1 MSPS
with an SCLK of 20 MHz.
TPC 3 shows the power supply rejection ratio versus supply
ripple frequency for the AD7928 when no decoupling is used.
The power supply rejection ratio is defined as the ratio of the
power in the ADC output at full-scale frequency f, to the power
of a 200 mV p-p sine wave applied to the ADC AVDD supply of
frequency fS:
PSRR dB
Pf
Pfs
()
log(
/
)
= 10
Pf is equal to the power at frequency f in ADC output; PfS is
equal to the power at frequency fS coupled onto the ADC AVDD
supply. Here a 200 mV p-p sine wave is coupled onto the AVDD
supply.
TPC 4 shows a graph of total harmonic distortion versus analog
input frequency for various supply voltages, while TPC 5 shows
a graph of total harmonic distortion versus analog input frequency
for various source impedances. See the Analog Input section.
TPC 6 and TPC 7 show typical INL and DNL plots for the
AD7928.
FREQUENCY (kHz)
–10
0
100
200
300
400
500
–30
–50
–70
–90
–110
50
150
250
350
450
4096 POINT FFT
AVDD = 5V
fSAMPLE = 1MSPS
fIN = 50kHz
SINAD = 71.147dB
THD = –87.229dB
SFDR = –90.744dB
TPC 1. AD7928 Dynamic Performance at 1 MSPS
INPUT FREQUENCY (kHz)
75
10
1000
70
65
60
55
100
fSAMPLE = 1MSPS
TA = 25 C
RANGE = 0 TO REFIN
AVDD = V DRIVE = 2.7V
AVDD = V DRIVE = 3.6V
AVDD = V DRIVE = 4.75V
AVDD = V DRIVE = 5.25V
TPC 2. AD7928 SINAD vs. Analog Input Frequency for
Various Supply Voltages at 1 MSPS
SUPPLY RIPPLE FREQUENCY (kHz)
0
0
1000
–40
–60
–80
–90
500
–20
–50
–70
900
800
700
600
400
300
200
100
AVDD = 5V
200mV p-p SINE WAVE ON AVDD
REFIN = 2.5V, 1 F CAPACITOR
TA = 25 C
–10
–30
TPC 3. AD7928 PSRR vs. Supply Ripple Frequency
INPUT FREQUENCY (kHz)
–50
10
1000
–65
–75
–85
–90
–60
–70
–80
100
–55
AVDD = V DRIVE = 5.25V
AVDD = V DRIVE = 4.75V
AVDD = V DRIVE = 2.7V
fSAMPLE = 1MSPS
TA = 25 C
RANGE = 0 TO REFIN
AVDD = V DRIVE = 3.6V
TPC 4. AD7928 THD vs. Analog Input Frequency for
Various Supply Voltages at 1 MSPS
INPUT FREQUENCY (kHz)
–50
10
1000
–65
–75
–85
–90
–60
–70
–80
100
–55
fSAMPLE = 1MSPS
TA = 25 C
RANGE = 0 TO REFIN
AVDD = 5.25V
RIN = 1000
RIN = 10
RIN = 50
RIN = 100
TPC 5. AD7928 THD vs. Analog Input Frequency for
Various Source Impedances
–12–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com