Electronic Components Datasheet Search
  English  ▼

X  

AD8033 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8033
Description  Low Cost, 80 MHz FastFET ??Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8033 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8033 Datasheet HTML 11Page - Analog Devices AD8033 Datasheet HTML 12Page - Analog Devices AD8033 Datasheet HTML 13Page - Analog Devices AD8033 Datasheet HTML 14Page - Analog Devices AD8033 Datasheet HTML 15Page - Analog Devices AD8033 Datasheet HTML 16Page - Analog Devices AD8033 Datasheet HTML 17Page - Analog Devices AD8033 Datasheet HTML 18Page - Analog Devices AD8033 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. B
AD8033/AD8034
–15–
LAYOUT, GROUNDING, AND BYPASSING
CONSIDERATIONS
Bypassing
Power supply pins are actually inputs, and care must be taken
so that a noise-free stable dc voltage is applied. The purpose of
bypass capacitors is to create low impedances from the supply to
ground at all frequencies, thereby shunting or filtering a majority
of the noise. Decoupling schemes are designed to minimize the
bypassing impedance at all frequencies with a parallel combination
of capacitors. 0.01
µF or 0.001 µF (X7R or NPO) chip capacitors
are critical and should be placed as close as possible to the
amplifier package. Larger chip capacitors, such as the 0.1
µF
capacitor, can be shared among a few closely spaced active
components in the same signal path. The 10
µF tantalum capacitor
is less critical for high frequency bypassing, and in most cases,
only one per board is needed at the supply inputs.
Grounding
A ground plane layer is important in densely packed PC boards in
order to spread the current, thereby minimizing parasitic induc-
tances. However, an understanding of where the current flows in
a circuit is critical to implementing effective high speed circuit
design. The length of the current path is directly proportional to
the magnitude of the parasitic inductances, and thus the high
frequency impedance of the path. High speed currents in an
inductive ground return will create unwanted voltage noise. The
length of the high frequency bypass capacitor leads is most critical.
A parasitic inductance in the bypass grounding will work against
the low impedance created by the bypass capacitor. Place the
ground leads of the bypass capacitors at the same physical location.
Because load currents flow from the supplies as well, the ground
for the load impedance should be at the same physical location
as the bypass capacitor grounds. For the larger value capacitors
that are intended to be effective at lower frequencies, the current
return path distance is less critical.
Leakage Currents
Poor PC board layout, contaminants, and the board insulator
material can create leakage currents that are much larger than the
input bias currents of the AD8033/AD8034. Any voltage differential
between the inputs and nearby runs will set up leakage currents
through the PC board insulator, for example, 1 V/100 G
Ω = 10 pA.
Similarly, any contaminants on the board can create significant
leakage (skin oils are a common problem). To significantly reduce
leakages, put a guard ring (shield) around the inputs and input
leads that are driven to the same voltage potential as the inputs.
This way there is no voltage potential between the inputs and
surrounding area to set up any leakage currents. For the guard ring
to be completely effective, it must be driven by a relatively low
impedance source and should completely surround the input
leads on all sides, above, and below using a multilayer board.
Another effect that can cause leakage currents is the charge
absorption of the insulator material itself. Minimizing the amount
of material between the input leads and the guard ring will help
to reduce the absorption. Also, low absorption materials such as
Teflon
® or ceramic may be necessary in some instances.
Input Capacitance
Along with bypassing and ground, high speed amplifiers can be
sensitive to parasitic capacitance between the inputs and ground.
A few pF of capacitance will reduce the input impedance at high
frequencies, in turn increasing the amplifiers’ gain and causing
peaking of the overall response or even oscillations if severe
enough. It is recommended that the external passive components
that are connected to the input pins be placed as close as possible
to the inputs to avoid parasitic capacitance. The ground and power
planes must be kept at a distance of at least 0.05 mm from the
input pins on all layers of the board.
APPLICATIONS
High Speed Peak Detector
The low input bias current and high bandwidth of the AD8033/
AD8034 make the parts ideal for a fast settling, low leakage peak
detector. The classic fast-low leakage topology with a diode in
the output is limited to 1.4 V p-p max in the case of the
AD8033/AD8034 because of the protection diodes across the
inputs, as depicted in Figure 4.
AD8033/
AD8034
VIN
~1.4V p-p MAX
VOUT
Figure 4. High Speed Peak Detector with Limited Input Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com