Electronic Components Datasheet Search
  English  ▼

X  

AD8033 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8033
Description  Low Cost, 80 MHz FastFET ??Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8033 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8033 Datasheet HTML 12Page - Analog Devices AD8033 Datasheet HTML 13Page - Analog Devices AD8033 Datasheet HTML 14Page - Analog Devices AD8033 Datasheet HTML 15Page - Analog Devices AD8033 Datasheet HTML 16Page - Analog Devices AD8033 Datasheet HTML 17Page - Analog Devices AD8033 Datasheet HTML 18Page - Analog Devices AD8033 Datasheet HTML 19Page - Analog Devices AD8033 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. B
AD8033/AD8034
–17–
INPUT
OUTPUT
1.00V/DIV
200nS/DIV
Figure 7. Peak Detector Response 5 V 1
µs Pulse
Figure 7 shows a 5 V peak pulse being captured in 1 s with less
than 1 mV of kickback. With this selection of time constants, up
to a 20 V peak pulse can be captured with no overshoot.
Active Filters
The response of an active filter varies greatly depending on the
performance of the active device. Open-loop bandwidth and gain,
along with the order of the filter, will determine stop-band
attenuation as well as the maximum cutoff frequency, while input
capacitance can set a limit on which passive components are used.
Topologies for active filters are varied, and some are more
dependent on the performance of the active device than others.
The Sallen-Key topology is the least dependent on the active
device, requiring that the bandwidth be flat to beyond the stop-
band frequency since it is used simply as a gain block. In the
case of high Q filter stages, the peaking must not exceed the
open-loop bandwidth and linear input range of the amplifier.
Using an AD8033/AD8034, a four-pole cascaded Sallen-Key
filter can be constructed with fC = 1 MHz and over 80 dB of
stop-band attenuation, as shown in Figure 8.
–VS
+VS
C2
10pF
–VS
+VS
VIN
R1
4.22k
AD8034
1/2
AD8034
1/2
R2
6.49k
R5
49.9
C1
27pF
C3
33pF
R4
4.99k
R3
4.99k
C4
82pF
VOUT
Figure 8. Four-Pole Cascade Sallen-Key Filter
Component values are selected using a normalized cascaded
two-stage Butterworth filter table and Sallen-Key two-pole
active filter equations. The overall frequency response is shown
in Figure 9.
10k
1M
10M
FREQUENCY – Hz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
100k
Figure 9. Four-Pole Cascade Sallen-Key Filter Response
The common-mode input capacitance should be considered
in the component selection.
Filter cutoff frequencies can be increased beyond 1 MHz using
the AD8033/AD8034, but limited open-loop gain and input
impedance begin to interfere with the higher Q stages. This can
cause early roll-off of the overall response.
Additionally, the stop-band attenuation will decrease with
decreasing open-loop gain.
Keeping these limitations in mind, a two-pole Sallen-Key
Butterworth filter with fC = 4 MHz can be constructed that
has a relatively low Q of 0.707 while still maintaining 15 dB
of attenuation an octave above fC and 35 dB of stop-band
attenuation. The filter and response are shown in Figures 10
and 11, respectively.
–VS
+VS
VIN
R1
2.49k
C3
22pF
VOUT
AD8033
R2
2.49k
R5
49.9
C1
10pF
Figure 10. Two-Pole Butterworth Active Filter
100k
100M
1M
10M
FREQUENCY – Hz
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
Figure 11. Two-Pole Butterworth Active Filter Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com