Electronic Components Datasheet Search
  English  ▼

X  

AD8349 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8349
Description  700 MHz to 2700 MHz Quadrature Modulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8349 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8349 Datasheet HTML 9Page - Analog Devices AD8349 Datasheet HTML 10Page - Analog Devices AD8349 Datasheet HTML 11Page - Analog Devices AD8349 Datasheet HTML 12Page - Analog Devices AD8349 Datasheet HTML 13Page - Analog Devices AD8349 Datasheet HTML 14Page - Analog Devices AD8349 Datasheet HTML 15Page - Analog Devices AD8349 Datasheet HTML 16Page - Analog Devices AD8349 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD8349
Rev. 0 | Page 13 of 28
0
5
10
15
20
25
30
35
40
–60
–45
–40
–35
–30
–25
CARRIER FEEDTHROUGH (dBm)
–55
–50
FLO = 1900MHz
Figure 37. Carrier Feedthrough Distribution at FLO = 1900 MHz (FBB = 1 MHz,
I and Q Inputs Driven in Quadrature at 1.2 Vp-p, TA = 25°C)
CARRIER FEEDTHROUGH (dBm)
24
22
20
18
16
14
12
10
8
6
4
2
0
–70
–65
–60
–55
–50
–45
–40
–35
–30
FLO = 2140 MHz
Figure 38. Carrier Feedthrough Distribution at FLO = 2140 MHz (FBB = 1 MHz,
I and Q Inputs Driven in Quadrature at 1.2 V p-p, TA = 25°C)
0
2
4
6
8
10
12
14
16
18
20
–80
–70
–60
–50
–40
–30
CARRIER FEEDTHROUGH (dBm)
FLO = 900MHz
Figure 39. Carrier Feedthrough Distribution at FLO = 900 MHz. (FBB = 1 MHz, I
and Q Inputs Driven in Quadrature at 1.2 V p-p, TA = 25°C)
0
5
10
15
20
25
30
35
–70
–65
–60
–55
–50
–45
CARRIER FEEDTHROUGH (dBm)
AFTER NULLING TO < –65dBm AT +25
°C
T = –40
°C
T = +85
°C
Figure 40. Carrier Feedthrough Distribution at Temperature Extremes, After
Carrier Feedthrough Nulled to < - 65 dBm at TA = 25°C. (FLO = 2140 MHz,
I and Q Inputs at a bias of 400 mV)
0
4
8
12
16
20
24
30
2
6
10
14
18
22
28
26
–75
–65
–60
–55
–50
–35
SIDEBAND SUPPRESSION (dBc)
AFTER NULLING TO < –50dBc AT +25
°C
–70
–40
–45
T = –40
°C
T = +85
°C
Figure 41. Sideband Suppression Distribution at Temperature Extremes, After
Sideband Suppression Nulled to < -50 dBc at TA = 25°C. (FLO = 2140 MHz,
FBB = 1 MHz, I and Q Inputs biased at 0.4 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com