Electronic Components Datasheet Search
  English  ▼

X  

AD8349 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8349
Description  700 MHz to 2700 MHz Quadrature Modulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8349 Datasheet(HTML) 3 Page - Analog Devices

  AD8349 Datasheet HTML 1Page - Analog Devices AD8349 Datasheet HTML 2Page - Analog Devices AD8349 Datasheet HTML 3Page - Analog Devices AD8349 Datasheet HTML 4Page - Analog Devices AD8349 Datasheet HTML 5Page - Analog Devices AD8349 Datasheet HTML 6Page - Analog Devices AD8349 Datasheet HTML 7Page - Analog Devices AD8349 Datasheet HTML 8Page - Analog Devices AD8349 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD8349
Rev. 0 | Page 3 of 28
SPECIFICATIONS
Table 1. VS = 5 V; Ambient Temperature (TA) = 25°C; LO = –6 dBm; I/Q inputs = 1.2 V p-p differential sine waves in quadrature on
a 400 mV dc bias; baseband frequency = 1 MHz; LO source and RF output load impedances are 50 Ω, unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Unit
Operating Frequency
700
2700
MHz
LO = 900 MHz
Output Power
1.5
4
6
dBm
Output P1 dB
7.6
dBm
Carrier Feedthrough
–45
–30
dBm
Sideband Suppression
–35
–31
dBc
Third Harmonic1
POUT – (FLO + (3 × FBB)), POUT = 4 dBm
–39
–36
dBc
Output IP3
F1BB = 3 MHz, F2BB = 4 MHz, POUT = -4.2 dBm
21
dBm
Quadrature Error
1.9
degree
I/Q Amplitude Balance
0.1
dB
Noise Floor
20 MHz offset from LO, all BB inputs at a bias of 400 mV
–155
dBm/Hz
20 MHz offset from LO, BB inputs = 1.2 V p-p differential on 400 mV dc
–150
dBm/Hz
GSM Sideband Noise
LO = 884.8 MHz, 6 MHz offset from LO, POUT = 2 dBm
–152
dBc/Hz
LO = 1900 MHz
Output Power
0
3.8
6
dBm
Output P1dB
6.8
dBm
Carrier Feedthrough
–38
dBm
Sideband Suppression
–40
–36
dBc
Third Harmonic 1
POUT – (FLO + (3 × FBB)), POUT = 3.8 dBm
–37
–36
dBc
Output IP3
F1BB = 3 MHz, F2BB = 4 MHz, POUT = –4.5 dBm
22
dBm
Quadrature Error
0.7
degree
I/Q Amplitude Balance
0.1
dB
Noise Floor
20 MHz offset from LO, all BB inputs at a bias of 400 mV
–156
dBm/Hz
20 MHz offset from LO, BB inputs = 1.2 V p-p differential on 400 mV dc
–150
dBm/Hz
GSM Sideband Noise
LO = 1960 MHz, 6 MHz offset from LO, POUT = 2 dBm
–151
dBc/Hz
LO = 2140 MHz
Output Power
–2
+2.4
+5.1
dBm
Output P1dB
5.6
dBm
Carrier Feedthrough
–42
–30
dBm
Sideband Suppression
–43
–36
dBc
Third Harmonic 1
POUT – (FLO + (3 × FBB)), POUT = 2.4 dBm
–37
–36
dBc
Output IP3
F1BB = 3 MHz, F2BB = 4 MHz, POUT = –6.5 dBm
19
dBm
Quadrature Error
0.3
degree
I/Q Amplitude Balance
0.1
dB
Noise Floor
20 MHz offset from LO, all BB inputs at a bias of 400 mV
–156
dBm/Hz
20 MHz offset from LO, BB inputs = 1.2 V p-p differential on 400 mV dc
–151
dBm/Hz
WCDMA Noise Floor
LO = 2140 MHz. 30 MHz offset from LO, PCHAN = –17.3 dBm
–156
dBm/Hz
LO INPUTS
Pins LOIP and LOIN
LO Drive Level
Characterization performed at typical level
–10
–6
0
dBm
Nominal Impedance
50
Ω
Input Return Loss
Drive via 1:1 balun, LO = 2140 MHz
–8.6
dB
BASEBAND INPUTS
Pins IBBP, IBBN, QBBP, QBBN
I and Q Input Bias Level
400
mV
Input Bias Current
11
µA
Input Offset Current
1.8
µA
Bandwidth (0.1 dB)
LO = 1500 MHz, baseband input = 600 mV p-p sine wave on 400 mV dc
10
MHz
LO = 1500 MHz, baseband input = 60 mV p-p sine wave on 400 mV dc
24
MHz
Bandwidth (3 dB)
LO = 1500 MHz, baseband input = 600 mV p-p sine wave on 400 mV dc
160
MHz
LO = 1500 MHz, baseband input = 60 mV p-p sine wave on 400 mV dc
340
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com