Electronic Components Datasheet Search
  English  ▼

X  

AD8349 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8349
Description  700 MHz to 2700 MHz Quadrature Modulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8349 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8349 Datasheet HTML 18Page - Analog Devices AD8349 Datasheet HTML 19Page - Analog Devices AD8349 Datasheet HTML 20Page - Analog Devices AD8349 Datasheet HTML 21Page - Analog Devices AD8349 Datasheet HTML 22Page - Analog Devices AD8349 Datasheet HTML 23Page - Analog Devices AD8349 Datasheet HTML 24Page - Analog Devices AD8349 Datasheet HTML 25Page - Analog Devices AD8349 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD8349
Rev. 0 | Page 22 of 28
–140
–120
–110
–100
–90
–80
–70
–60
–50
–40
CH PWR = –23.2dBm
ADJ CPR = –60.7dBm
ALT CPR = –62.3dBm
–130
CENTER 1.96GHz
SPAN 50MHz
Figure 60. 4-Carrier WCDMA Spectral Plot at 2140 MHz,
Including ACPR and Alternate Channel Power Ratio
–67
–65
–63
–61
–59
–57
–55
–53
–36
–34
–32
–30
–28
–26
–24
–22
–20
–18
–16
CHANNEL POWER (dBm)
–152
–150
–148
–146
–144
–142
–140
–138
2140 ADJ CPR
2140 ALT CPR
2140 NOISE
1960 ALT CPR
1960 NOISE
1960 ADJ CPR
Figure 61. 4-Carrier WCDMA Adjacent and Alternate Channel Power Ratio
and 30 MHz Noise Floor (dBm/Hz) vs. BB Drive Level at 1960 MHz
and 2140 MHz
GSM/EDGE APPLICATION
Figure 62 and Figure 64 show plots of GMSK error vector
magnitude (EVM), spectral performance, and noise floor
(dBc/100 kHz at 6 MHz carrier offset) at 885 MHz and
1960 MHz. Based on spectral performance, a maximum output
power level of around 2 dBm is appropriate. Note, however, that
as the output power decreases below this level, there is only a
very slight increase in the dBc noise floor. This indicates that
baseband drive variation can be used to control or correct the
gain of the signal chain over a range of at least 5 dB, with little
or no SNR penalty.
Figure 63 and Figure 65 show plots of 8-PSK EVM, spectral
performance, and noise floor at 885 MHz and 1960 MHz.
An LO drive level of approximately –6 dBm is recommended
for GMSK and 8-PSK. A higher LO drive power will improve
the noise floor slightly; however, it also tends to degrade EVM.
–110
–90
–80
–85
–100
–70
–75
–60
–65
–50
–55
–95
–105
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–2
–4
–8
–6
–10
0
2
4
6
CHANNEL POWER (dBm)
PEAK NOISE FLOOR
400kHz
600kHz
AVERAGE NOISE FLOOR
EVM
Figure 62.GMSK EVM, Spectral Performance, and Noise Floor
vs. Channel Power ( Frequency = 885 MHz)
–110
–90
–80
–85
–100
–70
–75
–60
–65
–50
–55
–95
–105
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–6
–8
–12
–10
–14
–4
–2
0
4
CHANNEL POWER (dBm)
2
PEAK NOISE FLOOR
400kHz
600kHz
AVERAGE NOISE FLOOR
EVM
Figure 63. 8-PSK EVM, Spectral Performance, and Noise Floor
vs. Channel Power (Frequency = 885 MHz)
–110
–90
–80
–85
–100
–70
–75
–60
–65
–50
–55
–95
–105
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–5
–7
–11
–9
–13
–3
–1
1
5
CHANNEL POWER (dBm)
3
PEAK NOISE FLOOR
400kHz
600kHz
AVERAGE NOISE FLOOR
EVM
Figure 64. GMSK EVM, Spectral Performance, and Noise Floor
vs. Channel Power (Frequency = 1960 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com