Electronic Components Datasheet Search
  English  ▼

X  

AD8349 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8349
Description  700 MHz to 2700 MHz Quadrature Modulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8349 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8349 Datasheet HTML 20Page - Analog Devices AD8349 Datasheet HTML 21Page - Analog Devices AD8349 Datasheet HTML 22Page - Analog Devices AD8349 Datasheet HTML 23Page - Analog Devices AD8349 Datasheet HTML 24Page - Analog Devices AD8349 Datasheet HTML 25Page - Analog Devices AD8349 Datasheet HTML 26Page - Analog Devices AD8349 Datasheet HTML 27Page - Analog Devices AD8349 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD8349
Rev. 0 | Page 25 of 28
C5
100pF
C6
0.1
µF
QP
QN
C2
100pF
C1
100pF
LO
R4
200
Ω
R3
200
Ω
R6
OPEN
T1
ETC-1-1-13
1
2
3
4
5
6
7
8
16
15
14
13
12
10
9
11
IBBP
IBBN
COM1
COM1
LOIN
LOIP
VPS1
ENOP
QBBP
QBBN
COM3
COM3
VPS2
VOUT
COM3
COM2
TP2
ENOP
IP
IN
R8
49.9
Ω
ENOP
C7
100pF
VOUT
+VS
+VS
AD 8349
R2
0
Ω
B
A
R10
10k
Ω
C9
OPEN
TP1
GND
C10
OPEN
R5
0
Ω
R11
0
Ω
TP3
VPOS
C8
OPEN
R1
0
Ω
R9
0
Ω
TP4
GND
C11
OPEN
C3
0.1
µF
C4
100pF
R7
0
Ω
Figure 68. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com